Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPS10 Datasheet (PDF) - TRACO Electronic AG

TMPS10 Datasheet PDF - TRACO Electronic AG
Part # TMPS10
Download  TMPS10 Download
File Size   1347.79 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPS 10 Series, 10 Watt

TMPS10 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPS10 Datasheet PDF - TRACO Electronic AG

Part # TMPS10
Download  TMPS10 Click to download

File Size   1347.79 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPS 10 Series, 10 Watt

TMPS10 Datasheet (HTML) - TRACO Electronic AG


TMPS10 Product details

• Ultra Compact 10 Watt PCB Power
module in 1" x 1.5" package
• Certified to IEC/EN 60335-1 and UL
62368-1 for household and industrial
appliance
• Reinforced I/O isolation 4000 VAC
• Operating temperature range –25°C to
+70°C
• Allows 130% peak current up to 30 s
• Ready to meet ErP directive, < 0.15 W
no load power consumption
• EMI meets EN 55032 class B and EN
55014-1
• Protection class II prepared
• 3-year product warranty




Similar Part No. - TMPS10

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMPS15 TRACOPOWER-TMPS15 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TMPS15-105 TRACOPOWER-TMPS15-105 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TMPS15-112 TRACOPOWER-TMPS15-112 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TMPS15-115 TRACOPOWER-TMPS15-115 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TMPS15-124 TRACOPOWER-TMPS15-124 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
More results


Similar Description - TMPS10

ManufacturerPart #DatasheetDescription
logo
ETA-USA
DAC10-20FWX ETA-USA-DAC10-20FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
DAC10-FWX ETA-USA-DAC10-FWX Datasheet
2Mb / 4P
10 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
OAC10 ETA-USA-OAC10 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TMF10 TRACOPOWER-TMF10 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 10 Series, 10 Watt
Rev. January 25, 2023
TMPS03 TRACOPOWER-TMPS03 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS05 TRACOPOWER-TMPS05 Datasheet
1,014Kb / 5P
AC/DC Power Supply TMPS 05 Series, 5 Watt
Rev. March 16, 2023
TMPS15 TRACOPOWER-TMPS15 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TMPW10-J TRACOPOWER-TMPW10-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 10-J Series, 10 Watt
Rev. November 30, 2022
TMPW10 TRACOPOWER-TMPW10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPW 10 Series, 10 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com