Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPS15 Datasheet (PDF) - TRACO Electronic AG

TMPS15 Datasheet PDF - TRACO Electronic AG
Part # TMPS15
Download  TMPS15 Download
File Size   1044.05 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPS 15 Series, 15 Watt

TMPS15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPS15 Datasheet PDF - TRACO Electronic AG

Part # TMPS15
Download  TMPS15 Click to download

File Size   1044.05 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPS 15 Series, 15 Watt

TMPS15 Datasheet (HTML) - TRACO Electronic AG


TMPS15 Product details

• Fully encapsulated 1.07” x 2.06” x 0.93”
package
• ErP-ready (<100 mW no-load power)
• EN 60335 certified (household)
• UL 62368-1 certified (IT and industrial)
• -25°C up to +70°C operating
temperature
• 130% peak power (for up to 30 s)
• Integrated class B EMI filter
• 3000 VAC I/O isolation (reinforced)
• Protection class II prepared
• 3-year product warranty




Similar Part No. - TMPS15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMPS10 TRACOPOWER-TMPS10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TMPS10-103 TRACOPOWER-TMPS10-103 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TMPS10-105 TRACOPOWER-TMPS10-105 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TMPS10-109 TRACOPOWER-TMPS10-109 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TMPS10-112 TRACOPOWER-TMPS10-112 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
More results


Similar Description - TMPS15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
logo
TRACO Electronic AG
TXL015 TRACOPOWER-TXL015 Datasheet
332Kb / 3P
AC/DC Enclosed Power Supply TXL 015 Series, 15 Watt
Rev. June 29, 2021
TMG15 TRACOPOWER-TMG15 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 15 Series, 15 Watt
Rev. March 16, 2023
TMPS03 TRACOPOWER-TMPS03 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS05 TRACOPOWER-TMPS05 Datasheet
1,014Kb / 5P
AC/DC Power Supply TMPS 05 Series, 5 Watt
Rev. March 16, 2023
TMPS10 TRACOPOWER-TMPS10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TPP15-D TRACOPOWER-TPP15-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-D Series, 15 Watt
Rev. March 16, 2023
TPP15-J TRACOPOWER-TPP15-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TXM015 TRACOPOWER-TXM015 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com