Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG15 Datasheet (PDF) - TRACO Electronic AG

TMG15 Datasheet PDF - TRACO Electronic AG
Part # TMG15
Download  TMG15 Download
File Size   1453.39 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMG 15 Series, 15 Watt

TMG15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMG15 Datasheet PDF - TRACO Electronic AG

Part # TMG15
Download  TMG15 Click to download

File Size   1453.39 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMG 15 Series, 15 Watt

TMG15 Datasheet (HTML) - TRACO Electronic AG


TMG15 Product details

• Fully encapsulated power supplies in
plastic casing for PCB mount
• Fully regulated outputs
• 4000 VAC I/O-isolation
• High efficiency up to 85%
• Universal input range 90 to 264 VAC
• Operating temperature range: –40°C to
+70°C max.
• Safety class II prepared
• Short circuit over power and over
voltage limitation




Similar Part No. - TMG15

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG10C40 SANREX-TMG10C40 Datasheet
330Kb / 2P
TRIAC ( ISOLATED TYPE )
TMG10C60 SANREX-TMG10C60 Datasheet
117Kb / 2P
TRIAC(NON-ISOLATED TYPE)
TMG10C60F SANREX-TMG10C60F Datasheet
475Kb / 2P
TRIAC (Through Hole / Isolated)
TMG10C60F SANREX-TMG10C60F Datasheet
330Kb / 2P
TRIAC ( ISOLATED TYPE )
TMG10C60H SANREX-TMG10C60H Datasheet
471Kb / 2P
TRIAC(Surface Mount Device/Non-isolated)
More results


Similar Description - TMG15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTIPU16 WALL-DTIPU16 Datasheet
174Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
DTSPU15 WALL-DTSPU15 Datasheet
172Kb / 3P
15 Watt Single Output AC/DC Desktop Power Supply
logo
TRACO Electronic AG
TXL015 TRACOPOWER-TXL015 Datasheet
332Kb / 3P
AC/DC Enclosed Power Supply TXL 015 Series, 15 Watt
Rev. June 29, 2021
TMG07 TRACOPOWER-TMG07 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
TMG30 TRACOPOWER-TMG30 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 30 Series, 30 Watt
Rev. March 16, 2023
TMG50 TRACOPOWER-TMG50 Datasheet
2Mb / 4P
AC/DC Power Supply TMG 50 Series, 50 Watt
Rev. March 16, 2023
TMPS15 TRACOPOWER-TMPS15 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TPP15-D TRACOPOWER-TPP15-D Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-D Series, 15 Watt
Rev. March 16, 2023
TPP15-J TRACOPOWER-TPP15-J Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 15-J Series, 15 Watt
Rev. March 16, 2023
TXM015 TRACOPOWER-TXM015 Datasheet
1Mb / 4P
AC/DC Power Supply TXM 015 Series, 15 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com