Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMG50 Datasheet (PDF) - TRACO Electronic AG

TMG50 Datasheet PDF - TRACO Electronic AG
Part # TMG50
Download  TMG50 Download
File Size   2298.06 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMG 50 Series, 50 Watt

TMG50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMG50 Datasheet PDF - TRACO Electronic AG

Part # TMG50
Download  TMG50 Click to download

File Size   2298.06 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMG 50 Series, 50 Watt

TMG50 Datasheet (HTML) - TRACO Electronic AG


TMG50 Product details

• Fully encapsulated power supplies in
plastic casing for PCB mount
• Fully regulated outputs
• 3000 VAC I/O-isolation
• High efficiency up to 90%
• Universal input range 90 to 264 VAC
• Operating temperature range: –40°C to
+70°C max.
• Safety class II prepared
• Short circuit over power and over
voltage limitation




Similar Part No. - TMG50

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG5C40 SANREX-TMG5C40 Datasheet
387Kb / 2P
Isolated mold triac suitable for wide range of applications like copier
TMG5C60 SANREX-TMG5C60 Datasheet
473Kb / 2P
TRIAC(Through Hole / Non-isolated)
TMG5C60C SANREX-TMG5C60C Datasheet
470Kb / 2P
TRIAC(Through Hole/Non-isolated)
TMG5C60D SANREX-TMG5C60D Datasheet
472Kb / 2P
TRIAC(Surface Mount Device/Non-isolated)
TMG5C60F SANREX-TMG5C60F Datasheet
387Kb / 2P
Isolated mold triac suitable for wide range of applications like copier
More results


Similar Description - TMG50

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ERB-SB ETA-USA-ERB-SB Datasheet
439Kb / 3P
50 WATT AC-DC CONVERTER
SVB-SA ETA-USA-SVB-SA Datasheet
665Kb / 4P
50 WATT AC-DC CONVERTER
SVB-SB ETA-USA-SVB-SB Datasheet
570Kb / 3P
50 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TMG07 TRACOPOWER-TMG07 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 07 Series, 7 Watt
Rev. March 16, 2023
TMG15 TRACOPOWER-TMG15 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 15 Series, 15 Watt
Rev. March 16, 2023
TMG30 TRACOPOWER-TMG30 Datasheet
1Mb / 4P
AC/DC Power Supply TMG 30 Series, 30 Watt
Rev. March 16, 2023
TMPW50-J TRACOPOWER-TMPW50-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
TMPW50 TRACOPOWER-TMPW50 Datasheet
1,012Kb / 4P
AC/DC Power Supply TMPW 50 Series, 50 Watt
Rev. November 30, 2022
TPI50A-J TRACOPOWER-TPI50A-J Datasheet
986Kb / 5P
AC/DC Industrial Power Supply TPI 50A-J Series, 50 Watt
Rev. March 16, 2023
TXM050 TRACOPOWER-TXM050 Datasheet
2Mb / 4P
AC/DC Power Supply TXM 050 Series, 50 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com