Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPW50 Datasheet (PDF) - TRACO Electronic AG

TMPW50 Datasheet PDF - TRACO Electronic AG
Part # TMPW50
Download  TMPW50 Download
File Size   1012.07 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPW 50 Series, 50 Watt

TMPW50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPW50 Datasheet PDF - TRACO Electronic AG

Part # TMPW50
Download  TMPW50 Click to download

File Size   1012.07 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPW 50 Series, 50 Watt

TMPW50 Datasheet (HTML) - TRACO Electronic AG


TMPW50 Product details

• Compact PCB power module in 2.92" x
1.85" package
• Wide input voltage range 90-305 VAC
• Certified according to EN 60335-1 an
IEC/EN/UL 62368-1
• I/O-Isolation 4’000 VAC
• Operating temperature range –40°C to
+70°C
• No load input power <0.1W (acc. ErP
directive)
• High efficiency up to 89%
• Internal EN 55032 class B filter
• Protection class II prepared
• 3 year product warranty




Similar Part No. - TMPW50

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMPW50-112-J TRACOPOWER-TMPW50-112-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
TMPW50-115-J TRACOPOWER-TMPW50-115-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
TMPW50-124-J TRACOPOWER-TMPW50-124-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
TMPW50-J TRACOPOWER-TMPW50-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
More results


Similar Description - TMPW50

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMG50 TRACOPOWER-TMG50 Datasheet
2Mb / 4P
AC/DC Power Supply TMG 50 Series, 50 Watt
Rev. March 16, 2023
TMPW10-J TRACOPOWER-TMPW10-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 10-J Series, 10 Watt
Rev. November 30, 2022
TMPW10 TRACOPOWER-TMPW10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPW 10 Series, 10 Watt
Rev. November 30, 2022
TMPW25-J TRACOPOWER-TMPW25-J Datasheet
968Kb / 4P
AC/DC Power Supply TMPW 25-J Series, 25 Watt
Rev. November 30, 2022
TMPW25 TRACOPOWER-TMPW25 Datasheet
1,002Kb / 4P
AC/DC Power Supply TMPW 25 Series, 25 Watt
Rev. November 30, 2022
TMPW5-J TRACOPOWER-TMPW5-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 5-J Series, 5 Watt
Rev. November 30, 2022
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMPW50-J TRACOPOWER-TMPW50-J Datasheet
961Kb / 4P
AC/DC Power Supply TMPW 50-J Series, 50 Watt
Rev. November 30, 2022
TPI50A-J TRACOPOWER-TPI50A-J Datasheet
986Kb / 5P
AC/DC Industrial Power Supply TPI 50A-J Series, 50 Watt
Rev. March 16, 2023
TXM050 TRACOPOWER-TXM050 Datasheet
2Mb / 4P
AC/DC Power Supply TXM 050 Series, 50 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com