Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMM40C Datasheet (PDF) - TRACO Electronic AG

TMM40C Datasheet PDF - TRACO Electronic AG
Part # TMM40C
Download  TMM40C Download
File Size   1049.56 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMM 40C Series, 40 Watt

TMM40C Datasheet (PDF)

Go To PDF Page Download Datasheet
TMM40C Datasheet PDF - TRACO Electronic AG

Part # TMM40C
Download  TMM40C Click to download

File Size   1049.56 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMM 40C Series, 40 Watt

TMM40C Datasheet (HTML) - TRACO Electronic AG


TMM40C Product details

• Fully encapsulated low profile plastic
casing in chassis mount version
• 2 x MOPP Medical safety according to
AAMI/ANSI ES 60601-1:2005(R) and
IEC/EN 60601-1 3rd edition
• IT and industrial safety according to
IEC/EN/UL 60950-1 and UL 508
• Ready to meet ErP directive <0.3 W no
load power consumption
• –40°C start-up temperature
• Safety class II prepared
• Protection against over-temperature,
overload and short circuit
• 3-year product warranty




Similar Part No. - TMM40C

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMM40 TRACOPOWER-TMM40 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TMM40105 TRACOPOWER-TMM40105 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TMM40112 TRACOPOWER-TMM40112 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TMM40115 TRACOPOWER-TMM40115 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TMM40124 TRACOPOWER-TMM40124 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
More results


Similar Description - TMM40C

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSS40 WALL-PSS40 Datasheet
157Kb / 3P
40 Watt Single Output AC/DC Power Supply
DTSPU40 WALL-DTSPU40 Datasheet
153Kb / 3P
40 Watt Single Output AC/DC Desktop Power Supply
logo
TRACO Electronic AG
TMM24 TRACOPOWER-TMM24 Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24 Series, 24 Watt
Rev. March 16, 2023
TMM24C TRACOPOWER-TMM24C Datasheet
1Mb / 5P
AC/DC Power Supply TMM 24C Series, 24 Watt
Rev. March 16, 2023
TMM40 TRACOPOWER-TMM40 Datasheet
997Kb / 5P
AC/DC Power Supply TMM 40 Series, 40 Watt
Rev. March 16, 2023
TMM60 TRACOPOWER-TMM60 Datasheet
999Kb / 4P
AC/DC Power Supply TMM 60 Series, 60 Watt
Rev. March 16, 2023
TMM60C TRACOPOWER-TMM60C Datasheet
1,012Kb / 4P
AC/DC Power Supply TMM 60C Series, 60 Watt
Rev. March 16, 2023
TPP40 TRACOPOWER-TPP40 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 40 Series, 40 Watt
Rev. November 30, 2022
TPP40A TRACOPOWER-TPP40A Datasheet
1Mb / 4P
AC/DC Medical Power Supply TPP 40A Series, 40 Watt
Rev. November 30, 2022
TPP40E-D TRACOPOWER-TPP40E-D Datasheet
991Kb / 5P
AC/DC Medical Power Supply TPP 40E-D Series, 40 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com