Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMR12WI Datasheet (PDF) - TRACO Electronic AG

TMR12WI Datasheet PDF - TRACO Electronic AG
Part # TMR12WI
Download  TMR12WI Download
File Size   908.31 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 12WI Series, 12 Watt

TMR12WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TMR12WI Datasheet PDF - TRACO Electronic AG

Part # TMR12WI
Download  TMR12WI Click to download

File Size   908.31 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter TMR 12WI Series, 12 Watt

TMR12WI Datasheet (HTML) - TRACO Electronic AG


TMR12WI Product details

• Ultra compact 12 Watt converter in
SIP-8 metal casing
• Highest power density of 4,73W/cm³
• Wide 4:1 input voltage ranges
• I/O-isolation 1600 VDC
• High efficiency (up to 90%) for low
thermal loss
• Operating temperature range -40°C to
+85°C
• Fully regulated outputs
• Remote On/Off control
• Indefinite short circuit protection
• 3-year product warranty




Similar Part No. - TMR12WI

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
TMR1201 AEC-TMR1201 Datasheet
330Kb / 5P
TMR Bipolar Switch
logo
MultiDimension Technolo...
TMR1202 MULTIDIMENSION-TMR1202 Datasheet
1Mb / 10P
MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor
Version 2.2.1
TMR1202HS MULTIDIMENSION-TMR1202HS Datasheet
1Mb / 10P
MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor
Version 2.2.1
TMR1202HT MULTIDIMENSION-TMR1202HT Datasheet
1Mb / 10P
MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor
Version 2.2.1
TMR1202HTS MULTIDIMENSION-TMR1202HTS Datasheet
1Mb / 10P
MicroAmpere High Frequency Response Bipolar Latching Magnetic Switch Sensor
Version 2.2.1
More results


Similar Description - TMR12WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
TMR1 TRACOPOWER-TMR1 Datasheet
869Kb / 4P
DC/DC Converter TMR 1 Series, 1 Watt
Rev. November 30, 2022
TMR2 TRACOPOWER-TMR2 Datasheet
958Kb / 4P
DC/DC Converter TMR 2 Series, 2 Watt
Rev. November 30, 2022
TMR2WIN TRACOPOWER-TMR2WIN Datasheet
983Kb / 4P
DC/DC Converter TMR 2WIN Series, 2 Watt
Rev. November 30, 2022
TMR2WISM TRACOPOWER-TMR2WISM Datasheet
945Kb / 4P
DC/DC Converter TMR 2WISM Series, 2 Watt
Rev. March 17, 2023
TMR3 TRACOPOWER-TMR3 Datasheet
995Kb / 5P
DC/DC Converter TMR 3 Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR6 TRACOPOWER-TMR6 Datasheet
973Kb / 4P
DC/DC Converter TMR 6 Series, 6 Watt
Rev. November 30, 2022
TMR9 TRACOPOWER-TMR9 Datasheet
971Kb / 5P
DC/DC Converter TMR 9 Series, 9 Watt
Rev. November 30, 2022
TEN12WI TRACOPOWER-TEN12WI Datasheet
218Kb / 3P
DC/DC Converters TEN 12WI Series, 12 Watt
Rev. October 6, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com