Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

274AX Datasheet (PDF) - Hammond Manufacturing Ltd.

274AX Datasheet PDF - Hammond Manufacturing Ltd.
Part # 274AX
Download  274AX Download
File Size   498.06 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description High Voltage (Plate) & Filament - 32 VA to 454 VA

274AX Datasheet (PDF)

Go To PDF Page Download Datasheet
274AX Datasheet PDF - Hammond Manufacturing Ltd.

Part # 274AX
Download  274AX Click to download

File Size   498.06 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description High Voltage (Plate) & Filament - 32 VA to 454 VA

274AX Datasheet (HTML) - Hammond Manufacturing Ltd.


274AX Product details

Features
Primary 115 VAC, 60 Hz. - except as noted
For "universal" primaries and/or 50/60 Hz. operation and other output voltagecombinations please see our 300 Series
Enclosed, 4 hole, chassis mount.
Minimum 6" long leads.
Units can be run full wave bridge or full wave C.T.
Class A insulation (105 degrees C).
Hi-Pot test of 2,000V RMS.
Conservative designs - CSA certified (209651).




Similar Part No. - 274AX

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
274 MKS-274 Datasheet
316Kb / 8P
Good vacuum pressure measurement for economical cost
logo
Walther-Werke
274 WALTHER-274 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Sure Seal Connections
274 - 380 SURESEAL-274 - 380 Datasheet
613Kb / 2P
Mini Applicator for insulation support
logo
ITT Industries
274-1008-000 ITT-274-1008-000 Datasheet
3Mb / 8P
RPR Series EN4165-Style Interconnect Solutions for Commercial Aerospace
logo
Oscilent Corporation
274-12.0M-SR-05GP OSCILENT-274-12.0M-SR-05GP Datasheet
159Kb / 3P
SMD Quartz Crystal
More results


Similar Description - 274AX

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2505 AZETTLER-AZ2505 Datasheet
1Mb / 4P
Heavy loads to 30000 VA
logo
Lattice Semiconductor
ISPGDX160VVA LATTICE-ISPGDX160VVA Datasheet
572Kb / 36P
ispGDX짰160V/VA Device Datasheet
logo
TT Electronics.
DS1111 TTELEC-DS1111 Datasheet
626Kb / 2P
Platon Glass Tube VA Flowmeter
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1140 TTELEC-DS1140 Datasheet
481Kb / 2P
Platon Plastic Tube VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
logo
Bel Fuse Inc.
STP-0100-2115 BEL-STP-0100-2115 Datasheet
817Kb / 2P
Power in the Round 100 VA to 2000 VA
logo
Weidmuller
2525150000 WEIDMULLER-2525150000 Datasheet
312Kb / 3P
Primary current: 32 A, Secondary current max.: 1A, Load: 0.2 VA
logo
Hammond Manufacturing L...
165X5 HAMMOND-165X5 Datasheet
140Kb / 2P
Low Voltage, Filament High Current, Chassis Mount - 125 VA to 440 VA 165 Series
2/9/2021
260G HAMMOND-260G Datasheet
124Kb / 2P
Plate & Filament - 22 VA to 248 VA 260 Series
2/6/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com