Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC75 Datasheet (PDF) - NXP Semiconductors

74HC75 Datasheet PDF - NXP Semiconductors
Part # 74HC75
Download  74HC75 Download
File Size   57.41 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad bistable transparent latch

74HC75 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC75 Datasheet PDF - NXP Semiconductors

Part # 74HC75
Download  74HC75 Click to download

File Size   57.41 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Quad bistable transparent latch

74HC75 Datasheet (HTML) - NXP Semiconductors


74HC75 Product details

General description
The 74HC75 is a high-speed Si-gate CMOS device and is pin compatible with low power Schottky TTL (LSTTL). The 74HC75 is specified in compliance with JEDEC standard no. 7A.
The 74HC75 has four bistable latches. The two latches are simultaneously controlled by one of two active HIGH enable inputs (LE12 and LE34). When LEnn is HIGH, the data enters the latches and appears at the nQ outputs. The nQ outputs follow the data inputs (nD) as long as LEnn is HIGH (transparent). The data on the nD inputs one set-up time prior to the HIGH-to-LOW transition of the LEnn will be stored in the latches. The latched outputs remain stable as long as the LEnn is LOW.

Features
■ Complementary Q and Q outputs
■ VCC and GND on the center pins
■ Low-power dissipation
■ Complies with JEDEC standard no. 7A
■ ESD protection:
   ◆ HBM EIA/JESD22-A114-B exceeds 2000 V
   ◆ MM EIA/JESD22-A115-A exceeds 200 V.
■ Multiple package options
■ Specified from −40 °C to +80 °C and from −40 °C to +125 °C.




Similar Part No. - 74HC75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 NXP-74HC75 Datasheet
87Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
Quad bistable transparant latch
Rev. 5 - 17 March 2021
logo
Solid State Inc
74HC75 SOLIDSTATE-74HC75 Datasheet
148Kb / 20P
Quad bistable transparant latch
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540 NXP-74HC7540 Datasheet
157Kb / 16P
Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
More results


Similar Description - 74HC75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B Datasheet
174Kb / 8P
Quad Transparent Latch
March, 2000 ??Rev. 3
logo
Texas Instruments
CD74HC75 TI-CD74HC75 Datasheet
56Kb / 8P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75 Datasheet
348Kb / 15P
Dual 2-Bit Bistable Transparent Latch
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B_05 Datasheet
100Kb / 8P
Quad Transparent Latch
August, 2005 ??Rev. 6
logo
Texas Instruments
CD54HC75 TI-CD54HC75_07 Datasheet
430Kb / 19P
Dual 2-Bit Bistable Transparent Latch
CD54HC75 TI-CD54HC75_08 Datasheet
508Kb / 17P
Dual 2-Bit Bistable Transparent Latch
logo
NXP Semiconductors
74HC75N NXP-74HC75N Datasheet
87Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
74HC75 PHILIPS-74HC75_15 Datasheet
113Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
logo
ON Semiconductor
MC14042B ONSEMI-MC14042B_14 Datasheet
101Kb / 6P
Quad Transparent Latch
August, 2014 ??Rev. 9
logo
Nexperia B.V. All right...
74HC75 NEXPERIA-74HC75 Datasheet
257Kb / 16P
Quad bistable transparant latch
Rev. 5 - 17 March 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com