Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC75 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC75 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC75
Download  74HC75 Download
File Size   257.81 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad bistable transparant latch

74HC75 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC75 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC75
Download  74HC75 Click to download

File Size   257.81 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad bistable transparant latch

74HC75 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC75 Product details

1. General description
The 74HC75 is a quad bistable transparent latch with complementary outputs. Two latches are
simultaneously controlled by one of two active HIGH enable inputs (LE12 and LE34). When LEnn
is HIGH, the data enters the latches and appears at the nQ outputs. The nQ outputs follow the data
inputs (nD) as long as LEnn is HIGH (transparent). The data on the nD inputs one set-up time prior
to the HIGH-to-LOW transition of the LEnn will be stored in the latches. The latched outputs remain
stable as long as the LEnn is LOW. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Complementary Q and Q outputs
• VCC and GND on the center pins
• CMOS input levels
• ESD protection:
• HBM EIA/JESD22-A114F exceeds 2000 V
• MM EIA/JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C.




Similar Part No. - 74HC75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
Quad bistable transparent latch
December 1990
74HC75 NXP-74HC75 Datasheet
87Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Solid State Inc
74HC75 SOLIDSTATE-74HC75 Datasheet
148Kb / 20P
Quad bistable transparant latch
logo
NXP Semiconductors
74HC7540 PHILIPS-74HC7540 Datasheet
55Kb / 7P
Octal Schmitt trigger buffer/line driver; 3-state; inverting
December 1990
74HC7540 NXP-74HC7540 Datasheet
157Kb / 16P
Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
More results


Similar Description - 74HC75

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC75 PHILIPS-74HC75 Datasheet
57Kb / 7P
Quad bistable transparent latch
December 1990
logo
Hitachi Semiconductor
HD74HC375 HITACHI-HD74HC375 Datasheet
49Kb / 8P
Quad. Bistable Latches
HD74HC75 HITACHI-HD74HC75 Datasheet
47Kb / 8P
Quad. Bistable Latches
HD74HC77 HITACHI-HD74HC77 Datasheet
48Kb / 9P
4-bit Bistable Latch
logo
Renesas Technology Corp
HD74HC75 RENESAS-HD74HC75 Datasheet
103Kb / 8P
Quad. Bistable Latches
HD74HC77 RENESAS-HD74HC77 Datasheet
96Kb / 7P
4-bit Bistable Latch
HD74HC375 RENESAS-HD74HC375 Datasheet
97Kb / 7P
Quad. Bistable Latches
logo
NXP Semiconductors
74HC75N NXP-74HC75N Datasheet
87Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
74HC75 PHILIPS-74HC75_15 Datasheet
113Kb / 20P
Quad bistable transparant latch
Rev. 03-12 November 2004
logo
Nexperia B.V. All right...
74AHC373 NEXPERIA-74AHC373 Datasheet
232Kb / 13P
Octal D-type transparant latch; 3-state
Rev. 4 - 5 March 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com