Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QFP-SD Datasheet (PDF) - STATS ChipPAC, Ltd.

QFP-SD Datasheet PDF - STATS ChipPAC, Ltd.
Part # QFP-SD
Download  QFP-SD Download
File Size   527.0 Kbytes
Page   2 Pages
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.
Description Stacked Die Quad Flat Pack

QFP-SD Datasheet (PDF)

Go To PDF Page Download Datasheet
QFP-SD Datasheet PDF - STATS ChipPAC, Ltd.

Part # QFP-SD
Download  QFP-SD Click to download

File Size   527.0 Kbytes
Page   2 Pages
Manufacturer  STATSCHIP [STATS ChipPAC, Ltd.]
Direct Link  http://www.statschippac.com
Logo STATSCHIP - STATS ChipPAC, Ltd.
Description Stacked Die Quad Flat Pack

QFP-SD Datasheet (HTML) - STATS ChipPAC, Ltd.


QFP-SD Product details

DESCRIPTION
STATS ChipPAC’s Stacked Die QFP offering includes LQFPSD, LQFP-ep-SD and TQFP-ep-SD. LQFP-SD is a stacked die low profile QFP. LQFP-ep-SD is an exposed pad version that provides enhanced thermal performance. TQFP-ep-SD is a thin profile exposed pad version with enhanced thermal performance. STATS ChipPAC’s chip stacking technology allows the integration of multiple ICs within a single package to improve package performance and functionality while reducing overall package size and cost.

FEATURES
• Combining devices into one package reduces PCB real estate and cost
• Increased sub-system performance by integrating multiple chips into a single package
• Die to die bonding capability for device/signal integration
• Standard and green/lead-free materials and Pb-free plating
• Options for mixed technologies, 2 or more stacked dice
• Fine pitch bonding capability
• Exposed pad provides enhanced thermal performance
• Low profile package thickness of 1.40mm (LQFP-SD and LQFP-ep-SD); 1.00mm (TQFP-ep-SD)
• Lead pitch ranges from 0.80mm to 0.40mm
• Pin count ranges from 32 to 208 leads (LQFP-SD), 64 to 216 leads (LQFP-ep-SD), 32 to 100 leads (TQFP-ep-SD)
• JEDEC standard compliant package outlines




Similar Part No. - QFP-SD

ManufacturerPart #DatasheetDescription
logo
Rohm
QFP-A64 ROHM-QFP-A64 Datasheet
39Kb / 2P
LSI Assembly
logo
STATS ChipPAC, Ltd.
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Rohm
QFP-T80 ROHM-QFP-T80 Datasheet
43Kb / 2P
LSI Assembly
More results


Similar Description - QFP-SD

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
MQFP-D STATSCHIP-MQFP-D Datasheet
95Kb / 2P
Heat Spreader Metric Quad Flat Pack
MQFP-ED STATSCHIP-MQFP-ED Datasheet
99Kb / 2P
Exposed Drop-in Heat Slug Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFP AMKOR-LQFP Datasheet
656Kb / 2P
Low Profile Quad Flat Pack (LQFP) Packages
logo
TRIAD MAGNETICS
FP56-45 TRIAD-FP56-45_13 Datasheet
53Kb / 1P
PC Mount: Flat Pack
logo
TT Electronics.
8900 TTELEC-8900_17 Datasheet
568Kb / 4P
Flat Pack Networks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com