Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP Datasheet (PDF) - Amkor Technology

LQFP Datasheet PDF - Amkor Technology
Part # LQFP
Download  LQFP Download
File Size   656.78 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Low Profile Quad Flat Pack (LQFP) Packages

LQFP Datasheet (PDF)

Go To PDF Page Download Datasheet
LQFP Datasheet PDF - Amkor Technology

Part # LQFP
Download  LQFP Click to download

File Size   656.78 Kbytes
Page   2 Pages
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology
Description Low Profile Quad Flat Pack (LQFP) Packages

LQFP Datasheet (HTML) - Amkor Technology


LQFP Product details

Low Profile Quad Flat Pack (LQFP) Packages:



Amkor offers a broad line of LQFP IC packages designed to provide the same great benefits as MQFP packaging with a 1.4 mm body thickness. This allows IC packaging engineers, component specifiers and systems designers

to solve issues such as increasing board density, die shrink programs, thin end-product profile and portability.



Features:

Amkor’s LQFP packaging portfolio provides:

• 7 x 7 mm to 28 x 28 mm body size   

• 32 to 256 lead counts

• Copper leadframes • Broad selection of die pad sizes

• Custom leadframe design available 

• 1.4 mm body thickness

• Low stress die attach adhesive

• Rapid cure mold compound

• Power enhancement version - PowerQuad



Applications:

Amkor’s LQFPs are an ideal IC package for most IC semiconductor technologies such as ASIC, DSP, controllers, processors, gate arrays (FPGA/PLD), SRAMs and PC chip sets.




Similar Part No. - LQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
List of Unclassifed Man...
LQFP-44 ETC-LQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
logo
List of Unclassifed Man...
LQFP-64 ETC-LQFP-64 Datasheet
42Kb / 1P
TQFP-64/ LQFP-64/ VQFP-64 Stencil (0.5 mm pitch, 10 x 10 mm body
More results


Similar Description - LQFP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FC64 PERICOM-FC64 Datasheet
108Kb / 1P
64-Pin Low Profile Quad Flat Package, LQFP
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFPPOWERQUAD2 AMKOR-LQFPPOWERQUAD2 Datasheet
139Kb / 2P
LQFP PowerQuad짰 2 Packages
LQFPPOWERQUAD4 AMKOR-LQFPPOWERQUAD4 Datasheet
142Kb / 2P
LQFP PowerQuad짰 4 Packages
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
QFP (Quad Flat Packages, Gullwing Leads)
More results




About Amkor Technology


Amkor Technology is a US-based company that provides outsourced semiconductor packaging and test services. The company was founded in 1968 and is headquartered in Tempe, Arizona, USA.

Amkor's packaging and test services include advanced flip chip and wafer level packaging technologies, as well as through-silicon via (TSV) solutions. These services are used by semiconductor manufacturers to package and test their integrated circuits (ICs) for use in a wide range of applications, including mobile devices, automotive, networking, and computing.

Amkor operates factories and facilities in Asia, Europe, and the Americas, and has a global network of design and development centers. The company has a strong focus on innovation and research and development, and its packaging and test technologies are designed to improve the performance, reliability, and cost-effectiveness of its customers' products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com