Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP Datasheet(PDF) 2 Page - Amkor Technology

Part # LQFP
Description  Low Profile Quad Flat Pack (LQFP) Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

LQFP Datasheet(HTML) 2 Page - Amkor Technology

  LQFP Datasheet HTML 1Page - Amkor Technology LQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LQFP Nominal Package Dimensions (units in mm)
LQFP
LEADFRAME
Process Highlights
Die thickness
14.5 ± .5 mil
Strip solder plating
85/15 Sn/Pb
Marking
Laser
Lead inspection
Laser/optical
Pack/ship options
Bar code, dry pack
Wafer backgrinding
Available
Test Services
• Program generation/conversion
• Product engineering
• Wafer sort
• 256 Pin x 20 MHz test system available
• -55 °C to +165 °C test available
• Burn-in
Shipping
JEDEC outline CO-124 low profile tray
data sheet
With respect to the information in this document, Amkor makes no guarantee or warranty of its accuracy or that the use of such information will not infringe upon the intellectual rights of third parties. Amkor shall not be responsible for any loss or
damage of whatever nature resulting from the use of, or reliance upon it and no patent or other license is implied hereby. This document does not in any way extend or modify Amkor’s warranty on any product beyond that set forth in its standard
terms and conditions of sale. Amkor reserves the right to make changes in its product and specifications at any time and without notice.
www.amkor.com
Configuration Options:
BBooddyy
BBooddyy
LLeeaadd
FFoooott
TTrraayy
UUnniittss
SSiizzee
TTkknnss
FFoorrm
m
SSttaannddooffff
LLeennggtthh
TTiipp TToo TTiipp
LLeeaadd CCoouunntt
JJEEDDEECC
M
Maattrriixx
PPeerr TTrraayy
7 x 7
1.40
1.00
0.10
0.60
9.0
32/48/64
MS-026
10 x 25
250
10 x 10
1.40
1.00
0.10
0.60
12.0
44/52/64/80
MS-026
8 x 20
160
14 x 14
1.40
1.00
0.10
0.60
16.0
44/64/80/100/120/128
MS-026
6 x 15
90
14 x 20
1.40
1.00
0.10
0.60
16.0 x 22.0
100/128
MS-026
6 x 12
72
20 x 20
1.40
1.00
0.10
0.60
22.0
128/144/176
MS-026
5 x 12
60
24 x 24
1.40
1.00
0.10
0.60
26.0
160/176/216
MS-026
4 x 10
40
28 x 28
1.40
1.00
0.10
0.60
30.0
160/208/256
MS-026
4 x 9
36
Cross-section LQFP
Die Attach Pad
Gold Wire
Mold
Compound
Die Attach
Adhesive
Leadframe



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com