Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP Datasheet(PDF) 1 Page - Amkor Technology

Part # LQFP
Description  Low Profile Quad Flat Pack (LQFP) Packages
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMKOR [Amkor Technology]
Direct Link  http://www.amkor.com
Logo AMKOR - Amkor Technology

LQFP Datasheet(HTML) 1 Page - Amkor Technology

  LQFP Datasheet HTML 1Page - Amkor Technology LQFP Datasheet HTML 2Page - Amkor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
data sheet
LQFP
LEADFRAME
www.amkor.com
Low Profile Quad Flat
Pack (LQFP) Packages:
Amkor offers a broad line of LQFP IC packages
designed to provide the same great benefits
as MQFP packaging with a 1.4 mm body
thickness. This allows IC packaging engineers,
component specifiers and systems designers
to solve issues such as increasing board
density, die shrink programs, thin end-product
profile and portability.
Applications:
Amkor’s LQFPs are an ideal IC package for
most IC semiconductor technologies such as
ASIC, DSP, controllers, processors, gate arrays
(FPGA/PLD), SRAMs and PC chip sets.
LQFPs are particularly suited for light weight,
portable electronics requiring broad perform-
ance characteristics. Such applications are lap-
top PCs, video/audio, telecom, cordless/RF,
data acquisition, office equipment, disc-drives
and communication boards.
Amkor’s LQFP packaging portfolio provides:
• 7 x 7 mm to 28 x 28 mm body size
• 32 to 256 lead counts
• Copper leadframes
• Broad selection of die pad sizes
• Custom leadframe design available
• 1.4 mm body thickness
• Low stress die attach adhesive
• Rapid cure mold compound
• Power enhancement version - PowerQuad
Single-Layer PCB
Theta JA (°C/W) by Velocity (LFPM)
Pkg
Body Size (mm) Pad Size (mm)
0
200
500
32 ld
7 x 7
5 x 5
67.8
55.9
50.1
100 ld
14 x 14
8 x 8
41.5
33.4
29.5
100 ld
14 x 20
9.5 x 9.5
39.7
31.8
28.3
144 ld
20 x 20
8.5 x 8.5
38.0
31.2
28.1
176 ld
24 x 24
8 x 8
38.3
31.9
29.0
JEDEC Standard Test Boards
Multi-Layer PCB
Theta JA (°C/W) by Velocity (LFPM)
Pkg
Body Size (mm) Pad Size (mm)
0
200
500
32 ld
7 x 7
5 x 5
47.9
42.1
39.4
100 ld
14 x 14
8 x 8
31.7
26.8
24.7
100 ld
14 x 20
9.5 x 9.5
30.0
25.1
23.0
144 ld
20 x 20
8.5 x 8.5
31.7
26.9
24.9
176 ld
24 x 24
8 x 8
31.9
27.3
25.4
208 ld*
28 x 28
16 x 16
18.1
15.3
14.4
*Pre-JEDEC Standard Test Boards
Tested @ 1 W
All others - JEDEC Standard Test Boards
Body Size PadSize
Inductance Capacitance Resistance
Pkg
(mm)
(mm)
Lead
(nH)
(pF)
(mΩ)
32 ld
7 x 7
5 x 5
Longest
0.904
0.211
9.2
Shortest
0.799
0.202
7.8
48 ld
7 x 7
5 x 5
Longest
1.110
0.225
13.8
Shortest
0.962
0.200
12.0
100 ld 14 x 14
8 x 8
Longest
2.300
0.419
26.3
Shortest
1.520
0.322
17.8
144 ld 20 x 20 8.5 x 8.5 Longest
6.430
1.100
62.9
Shortest
4.230
1.070
52.6
176 ld 24 x 24
8 x 8
Longest
9.510
1.270
89.0
Shortest
5.200
1.340
64.0
208 ld 28 x 28 11 x 11 Longest
9.670
1.380
86.2
Shortest
6.190
1.210
64.8
Simulated Results @ 100 MHz
IC chips are assembled in optimized package designs with proven reliable
semiconductor materials.
• Moisture sensitivity
JEDEC Level 3
characterization
30 °C/60%RH, 192 hrs
• PCT
121 °C, 100%RH, 2 atm, 504 hours
• Temp cycle
-55/+125 ° C, 1000 cycles
• Temp/humidity
85 °C/85% RH, 1000 hours
• High temp storage
150 °C, 1000 hours
Features:
Thermal Resistance:
Electrical:
Reliability:
VISIT AMKOR TECHNOLOGY ONLINE FOR LOCATIONS AND
TO VIEW THE MOST CURRENT PRODUCT INFORMATION
.
DS232B
Rev Date: 08’00


Similar Part No. - LQFP

ManufacturerPart #DatasheetDescription
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
logo
Amkor Technology
LQFP AMKOR-LQFP Datasheet
411Kb / 2P
Silver Wirebonding
02/22
logo
List of Unclassifed Man...
LQFP-44 ETC-LQFP-44 Datasheet
42Kb / 1P
TQFP-44/LQFP-44/PQFP-44/VQFP-44 Stencil (0.8 mm pitch, 10 x 10 mm body)
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
logo
List of Unclassifed Man...
LQFP-64 ETC-LQFP-64 Datasheet
42Kb / 1P
TQFP-64/ LQFP-64/ VQFP-64 Stencil (0.5 mm pitch, 10 x 10 mm body
More results

Similar Description - LQFP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FC64 PERICOM-FC64 Datasheet
108Kb / 1P
64-Pin Low Profile Quad Flat Package, LQFP
logo
STATS ChipPAC, Ltd.
LQFP STATSCHIP-LQFP Datasheet
126Kb / 2P
Low Profile Quad Flat Pack
MQFP STATSCHIP-MQFP Datasheet
103Kb / 2P
Metric Quad Flat Pack
TQFP STATSCHIP-TQFP Datasheet
92Kb / 2P
Thin Profile Quad Flat Pack
QFP-SD STATSCHIP-QFP-SD Datasheet
527Kb / 2P
Stacked Die Quad Flat Pack
QFP-EP STATSCHIP-QFP-EP Datasheet
117Kb / 2P
Exposed Pad Quad Flat Pack
logo
Amkor Technology
CQFP AMKOR-CQFP Datasheet
332Kb / 1P
Ceramic Quad Flat Pack Package
LQFPPOWERQUAD2 AMKOR-LQFPPOWERQUAD2 Datasheet
139Kb / 2P
LQFP PowerQuad짰 2 Packages
LQFPPOWERQUAD4 AMKOR-LQFPPOWERQUAD4 Datasheet
142Kb / 2P
LQFP PowerQuad짰 4 Packages
logo
List of Unclassifed Man...
IC201-1004 ETC2-IC201-1004 Datasheet
469Kb / 8P
QFP (Quad Flat Packages, Gullwing Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com