Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR2434 Datasheet (PDF) - ATMEL Corporation

ATR2434 Datasheet PDF - ATMEL Corporation
Part # ATR2434
Download  ATR2434 Download
File Size   511.16 Kbytes
Page   35 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description WirelessUSB 2.4-GHz DSSS Radio SoC

ATR2434 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATR2434 Datasheet PDF - ATMEL Corporation

Part # ATR2434
Download  ATR2434 Click to download

File Size   511.16 Kbytes
Page   35 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description WirelessUSB 2.4-GHz DSSS Radio SoC

ATR2434 Datasheet (HTML) - ATMEL Corporation


ATR2434 Product details

Functional Description
The ATR2434 transceiver is a single-chip 2.4-GHz Direct Sequence Spread Spectrum (DSSS) Gaussian Frequency Shift Keying (GFSK) baseband modem radio that connects directly to a microcontroller.

Features
• 2.4-GHz Radio Transceiver
• Operates in the Unlicensed Industrial, Scientific, and Medical (ISM) Band (2.4 GHz to 2.483 GHz)
• -95 dBm Reception Sensitivity
• Up to 0 dBm Output Power
• Range of up to 50 Meters or More
• Data Throughput of up to 62.5 kbits/s
• Highly Integrated, Low Cost, Minimal Number of External Components Required
• Dual DSSS Reconfigurable Baseband Correlators
• SPI Microcontroller Interface (up to 2-MHz Data Rate)
• 13-MHz Input Clock Operation
• Low Standby Current < 1 µA
• Integrated 32-bit Manufacturing ID
• Operating Voltage from 2.7 V to 3.6 V
• Operating Temperature from -40°C to +85°C
• Offered in a Small Footprint QFN48 Package

Applications
• PC Human Interface Devices
   – Mice
   – Keyboards
   – Joysticks
• Peripheral Gaming Devices
   – Game Controllers
   – Console Keyboards
• General
   – Presenter Tools
   – Remote Controls
   – Consumer Electronics
   – Barcode Scanners
   – POS Peripherals
   – Toys




Similar Part No. - ATR2434

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406 Datasheet
813Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
More results


Similar Description - ATR2434

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936 Datasheet
874Kb / 40P
WirelessUSB??LP 2.4 GHz Radio SoC
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
WirelessUSB??NL 2.4 GHz Low Power Radio
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
WirelessUSB??NX 2.4 GHz Low Power Radio
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com