Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYRF6936 Datasheet (PDF) - Cypress Semiconductor

CYRF6936 Datasheet PDF - Cypress Semiconductor
Part # CYRF6936
Download  CYRF6936 Download
File Size   874.33 Kbytes
Page   40 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description WirelessUSB??LP 2.4 GHz Radio SoC

CYRF6936 Datasheet (PDF)

Go To PDF Page Download Datasheet
CYRF6936 Datasheet PDF - Cypress Semiconductor

Part # CYRF6936
Download  CYRF6936 Click to download

File Size   874.33 Kbytes
Page   40 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description WirelessUSB??LP 2.4 GHz Radio SoC

CYRF6936 Datasheet (HTML) - Cypress Semiconductor


CYRF6936 Product details

Functional Description

The CYRF6936 WirelessUSB™ LP radio is a second generation member of the Cypress WirelessUSB Radio System-On-Chip (SoC) family. The CYRF6936 is interoperable with the first generation CYWUSB69xx devices. The CYRF6936 IC adds a range of enhanced features, including increased operating voltage range, reduced supply current in all operating modes, higher data rate options, reduced crystal start up, synthesizer settling, and link turnaround times.



Features

■ 2.4 GHz Direct Sequence Spread Spectrum (DSSS) radio transceiver

■ Operates in the unlicensed worldwide Industrial, Scientific, and Medical (ISM) band (2.400 GHz to 2.483 GHz)

■ 21 mA operating current (Transmit at –5 dBm)

■ Transmit power up to +4 dBm

■ Receive sensitivity up to –97 dBm

■ Sleep Current less than 1 μA

■ DSSS data rates up to 250 kbps, GFSK data rate of 1 Mbps

■ Low external component count

■ Auto Transaction Sequencer (ATS) - no MCU intervention

■ Framing, Length, CRC16, and Auto ACK

■ Power Management Unit (PMU) for MCU/Sensor

■ Fast Startup and Fast Channel Changes

■ Separate 16-byte Transmit and Receive FIFOs

■ AutoRate™ - dynamic data rate reception

■ Receive Signal Strength Indication (RSSI)

■ Serial Peripheral Interface (SPI) control while in sleep mode

■ 4 MHz SPI microcontroller interface

■ Battery Voltage Monitoring Circuitry

■ Supports coin-cell operated applications

■ Operating voltage from 1.8 V to 3.6 V

■ Operating temperature from 0 to 70°C

■ Space saving 40-pin QFN 6x6 mm package



Applications

■ Wireless Keyboards and Mice

■ Wireless Gamepads

■ Remote Controls

■ Toys

■ VOIP and Wireless Headsets

■ White Goods

■ Consumer Electronics

■ Home Automation

■ Automatic Meter Readers

■ Personal Health and Entertainment



 




Similar Part No. - CYRF6936

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYRF6936 CYPRESS-CYRF6936 Datasheet
664Kb / 28P
WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF6936-40LFXC CYPRESS-CYRF6936-40LFXC Datasheet
578Kb / 23P
WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936-40LFXC CYPRESS-CYRF6936-40LFXC Datasheet
664Kb / 28P
WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF6936-40LTXC CYPRESS-CYRF6936-40LTXC Datasheet
578Kb / 23P
WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936-40LTXC CYPRESS-CYRF6936-40LTXC Datasheet
664Kb / 28P
WirelessUSB LP 2.4 GHz Radio SoC Low external component count
More results


Similar Description - CYRF6936

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932 Datasheet
305Kb / 30P
WirelessUSB LS 2.4-GHz DSSS Radio SoC
CYWUSB6935 CYPRESS-CYWUSB6935 Datasheet
603Kb / 33P
WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
logo
ATMEL Corporation
ATR2434 ATMEL-ATR2434 Datasheet
511Kb / 35P
WirelessUSB 2.4-GHz DSSS Radio SoC
logo
Cypress Semiconductor
CYWUSB6932 CYPRESS-CYWUSB6932_05 Datasheet
374Kb / 30P
WirelessUSB??LS 2.4-GHz DSSS Radio SoC
CYRF6936 CYPRESS-CYRF6936_09 Datasheet
578Kb / 23P
WirelessUSB LP 2.4 GHz Radio SoC
CYRF6936 CYPRESS-CYRF6936_11 Datasheet
664Kb / 28P
WirelessUSB LP 2.4 GHz Radio SoC Low external component count
CYRF8935 CYPRESS-CYRF8935_13 Datasheet
689Kb / 40P
WirelessUSB??NL 2.4 GHz Low Power Radio
CYWUSB6935 CYPRESS-CYWUSB6935_10 Datasheet
1Mb / 36P
WirelessUSB??LR 2.4 GHz DSSS Radio SoC
CYRF6986 CYPRESS-CYRF6986 Datasheet
1Mb / 23P
WirelessUSB??LPstar 2.4 GHz Radio SoC
CYRF9935 CYPRESS-CYRF9935 Datasheet
1Mb / 47P
WirelessUSB??NX 2.4 GHz Low Power Radio
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com