Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA200 Datasheet (PDF) - Artesyn Technologies

BXA200 Datasheet PDF - Artesyn Technologies
Part # BXA200
Download  BXA200 Download
File Size   230.85 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single output

BXA200 Datasheet (PDF)

Go To PDF Page Download Datasheet
BXA200 Datasheet PDF - Artesyn Technologies

Part # BXA200
Download  BXA200 Click to download

File Size   230.85 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single output

BXA200 Datasheet (HTML) - Artesyn Technologies


BXA200 Product details

Single output

The BXA200 Series of high density DC/DC converters uses Artesyn Technologies patented resonant transition zero voltage switching topology together with advanced packaging to provide high performance with a power density of 36Watts/in3. Fixed frequency operation at 500kHz together with our unique integrated magnetics and internal filters, facilitate easier system filtering, limiting input conducted noise to EN55022 level A. Zero voltage switching together with advanced power train design minimizes power losses, yielding efficiencies up to 85%, from a 4.6 x 2.4 x 0.5 inch industry standard package. The BXA200 series with six single output models from 3.3V to 48V, offer short circuit protection, overvoltage protection, true current sharing, redundancy and up to 40A capability, all of which simplify and accelerate design-in cycles, reduce component counts, save PCB space and increase system reliability, giving you the lowest overall cost of ownership with the shortest possible time to market.

• Telecom power system
• UL, CSA and TÜV approved
• Distributed power architecture
• True N+1 redundancy
• Parallelability to kilowatt power levels
• Patented Zero Voltage Switching (ZVS) topology
• Fixed frequency operation
• High power density 36W/in3




Similar Part No. - BXA200

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXA RUBYCON-BXA Datasheet
69Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
logo
Emerson Network Power
BXA10 EMERSON-NETWORKPOWER-BXA10 Datasheet
238Kb / 4P
1 x 2 x 0.395 inch package with stand-offs
logo
Artesyn Technologies
BXA10-12D05 ARTESYN-BXA10-12D05 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
logo
Emerson Network Power
BXA10-12D05J EMERSON-NETWORKPOWER-BXA10-12D05J Datasheet
238Kb / 4P
1 x 2 x 0.395 inch package with stand-offs
More results


Similar Description - BXA200

ManufacturerPart #DatasheetDescription
logo
Power-One
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
SINGLE OUTPUT
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
SINGLE OUTPUT
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
Single output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
Single Output
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
Single Output
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
Single Output
logo
Wall Industries,Inc.
PSAGF-10 WALL-PSAGF-10 Datasheet
108Kb / 3P
Single Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com