Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA10 Datasheet (PDF) - Emerson Network Power

BXA10 Datasheet PDF - Emerson Network Power
Part # BXA10
Download  BXA10 Download
File Size   238.53 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 1 x 2 x 0.395 inch package with stand-offs

BXA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BXA10 Datasheet PDF - Emerson Network Power

Part # BXA10
Download  BXA10 Click to download

File Size   238.53 Kbytes
Page   4 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description 1 x 2 x 0.395 inch package with stand-offs

BXA10 Datasheet (HTML) - Emerson Network Power


BXA10 Product details

Single and dual output

The BXA10 series of dc-dc converters, comprising 7 different models, is designed for a wide range of applications including communications, industrial systems and mobile battery powered systems. Packing up to 10 Watts of power into a 2 x 1 x 0.395 inch package, with efficiencies as high as 85%, the BXA10 has wide input ranges of 9 Vdc to 18 Vdc and 18 Vdc to 75 Vdc, and is available in single and dual output versions. Isolation of 1500 Vdc, approval to EN60950 2nd edition, coupled with reduced conducted noise for simplified compliance to FCC Part 15 level A and EN55022 level A, make the BXA10 ideal for telecommunications and distributed power applications. Other features include overvoltage protection, continuous short circuit protection with automatic recovery and remote on/off, all of which minimize the need for external circuitry and make the BXA10 a recommended component in distributed power systems.

Special Features
• 1 x 2 x 0.395 inch package with stand-offs
• 13.3 Watts/in3 power density
• CISPR22 and EN55022 conducted emission level A
• UL, CSA and VDE approvals (48V input only)
• Continuous short circuit protection
• Optional remote ON/OFF
• Available RoHS compliant
• 2 year warranty




Similar Part No. - BXA10

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
BXA10-12D05 ARTESYN-BXA10-12D05 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
BXA10-12D05J ARTESYN-BXA10-12D05J Datasheet
244Kb / 4P
Embedded Power for Business-Critical Continuity
BXA10-12D12 ARTESYN-BXA10-12D12 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
BXA10-12D15 ARTESYN-BXA10-12D15 Datasheet
70Kb / 3P
8-10W Wide Input DC/DC Converters
More results


Similar Description - BXA10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDC10 ETC1-FDC10 Datasheet
98Kb / 2P
10 watts of output power from a 2 x 1 x 0.4 inch package
logo
Lucky Light Electronic
GB-333F LUCKY-LIGHT-GB-333F Datasheet
42Kb / 1P
Round Type With Stand-offs LED Lamps (5mm)
logo
Emerson Network Power
NFS40SERIES EMERSON-NETWORKPOWER-NFS40SERIES Datasheet
1Mb / 4P
5.0 x 3.0 x 1.2 inch package
logo
Bel Fuse Inc.
ABC75-1T12L BEL-ABC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75-1T12L BEL-MBC75-1T12L Datasheet
1Mb / 6P
3 x 2 x 1 Inch Form Factor
MBC75 BEL-MBC75 Datasheet
878Kb / 5P
3 x 2 x 1 Inch Form Factor
logo
DATEL, Inc.
AT22D12-0.62 DATEL-AT22D12-0.62 Datasheet
156Kb / 1P
(2 inch X 1 inch), AT series, 짹12 Volts Output
AT22D15-1 DATEL-AT22D15-1 Datasheet
156Kb / 1P
(2 inch X 1 inch), AT series, 짹15 Volts Output
logo
Bel Fuse Inc.
ABC75 BEL-ABC75_V01 Datasheet
1Mb / 7P
3 x 2 x 1 Inch Form Factor 75 Watts with Convection Cooling
ABC120 BEL-ABC120_V01 Datasheet
736Kb / 7P
3 x 2 x 1 Inch Footprint 120 Watts with Forced Air Cooling
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com