Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BXA10 Datasheet(PDF) 2 Page - Emerson Network Power

Part # BXA10
Description  1 x 2 x 0.395 inch package with stand-offs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXA10 Datasheet(HTML) 2 Page - Emerson Network Power

  BXA10 Datasheet HTML 1Page - Emerson Network Power BXA10 Datasheet HTML 2Page - Emerson Network Power BXA10 Datasheet HTML 3Page - Emerson Network Power BXA10 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev.03.07.07
bxa10
2 of 4
Embedded Power for
Business-Critical Continuity
All specifications are typical at nominal input, full load at 25
°C unless otherwise stated.
Specifications
EMC CHARACTERISTICS
Conducted emissions
EN55022, FCC (See Note 8)
Level A
ESD air
EN61000-4-2, level 2
Perf. criteria 1
ESD contact
EN61000-4-2, level 3
Perf. criteria 1
Surge
EN61000-4-5, level 2
Perf. criteria 1
Fast transients
EN61000-4-4, level 2
Perf. criteria 1
Radiated immunity
EN61000-4-3, level 3
Perf. criteria 1
Conducted immunity
EN61000-4-6, level 3
Perf. criteria 1
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Input/output
1500 Vdc
Input or output to case
1000 Vdc
Switching frequency
Fixed
400 kHz
Approvals and
Safety
VDE0805, EN60950, IEC950
standards
UL1950, CSA C22.2 No. 950
Case material
Black coated, six-sided metal case
Material flammability
UL94V-0
Weight
20 g (0.71 oz)
MTBF
MIL-HDBK-217F
519,000 hours
Bellcore
>2 million hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-25 °C to +71 °C
(See derating curve)
Non-operating amb.
-55 °C to +125 °C
Case
+110 °C max.
Derating
See derating curve
Cooling
Free air convection cooled
Relative humidity
Non-condensing
5% to 95% RH
Altitude
Operating
10,000 feet max.
Non operating
40,000 feet max.
Vibration
5-500 MHz
2.5 G rms (approx.)
OUTPUT SPECIFICATIONS
Line regulation
LL to HL, single output
±0.2%
LL to HL, dual output
±0.2%
Load regulation
10% to 100% FL (See Note 4)
±0.5%
Minimum load
48 V models
10% full load
12 V models
No minimum load
Overshoot
At start-up
10% max.
Ripple and noise
5 Hz to 20 MHz
100 mV pk-pk, max.
(See Note 2)
20 mV rms
Transient response
25% load step
±2.0% max. dev.,
250 μs recovery
to within ±1.0%
Temperature coefficient
±0.02%/°C max.
Overvoltage protection
Clamp type
See table
Short circuit protection
Hiccup
Continuous
automatic recovery
INPUT SPECIFICATIONS
Input voltage range
12 Vdc (See Note 6)
9-18 Vdc
48 Vdc
18-75 Vdc
Input filter
Pi type
Start up surge current
Resistive load
1.5 A max.
Remote ON/OFF
Open collector compatible
ON (See Note 3)
High impedance >400 kΩ
OFF
Low impedance <1.0 kΩ
OFF idle current
<1.5 mA
Start-up time
1.6 s, max.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com