Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEL-2 Datasheet (PDF) - TRACO Electronic AG

TEL-2 Datasheet PDF - TRACO Electronic AG
Part # TEL-2
Download  TEL-2 Download
File Size   209.11 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 2 Series, 2 Watt

TEL-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL-2 Datasheet PDF - TRACO Electronic AG

Part # TEL-2
Download  TEL-2 Click to download

File Size   209.11 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 2 Series, 2 Watt

TEL-2 Datasheet (HTML) - TRACO Electronic AG


TEL-2 Product details

Features
u Ultracompact DIP-16 plastic package
u Wide 2:1 input range
u Regulated output
u I/O isolation 1500V
u Input filter meets EN55032, class A
without ext. components
u Low ripple and noise
u Indefinite shortcircuit protection
u Operating temperature range
–40°C to +80°C
u Lead free design, RoHS compliant
u 3-year product warranty




Similar Part No. - TEL-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEL-2A20 ETC-TEL-2A20 Datasheet
123Kb / 2P
VCSEL for gener al purpose
TEL-2C20 ETC2-TEL-2C20 Datasheet
116Kb / 2P
VCSEL for gener al purpose
TEL-2D20 ETC1-TEL-2D20 Datasheet
123Kb / 2P
VCSEL for gener al purpose
TEL-2E20 ETC-TEL-2E20 Datasheet
129Kb / 2P
VCSEL for gener al purpose
TEL-2G20 ETC2-TEL-2G20 Datasheet
117Kb / 2P
VCSEL for gener al purpose
More results


Similar Description - TEL-2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
2 watt dc-dc converters
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
2 watt dc-dc converters
logo
TRACO Electronic AG
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEL3 TRACOPOWER-TEL3 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEM2 TRACOPOWER-TEM2 Datasheet
264Kb / 3P
DC/DC Converters TEM 2 Series, 2 Watt
Rev. October 14, 2022
TSH TRACOPOWER-TSH Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com