Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSR1 Datasheet (PDF) - TRACO Electronic AG

TSR1 Datasheet PDF - TRACO Electronic AG
Part # TSR1
Download  TSR1 Download
File Size   820.12 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSR 1 Series, 1 A

TSR1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSR1 Datasheet PDF - TRACO Electronic AG

Part # TSR1
Download  TSR1 Click to download

File Size   820.12 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSR 1 Series, 1 A

TSR1 Datasheet (HTML) - TRACO Electronic AG


TSR1 Product details

• Up to 96% efficiency – No heat-sink
required
• Pin compatible with LMxx linear
regulators
• SIP-package fits existing TO-220
footprint
• Built in filter capacitors
• Operation temp. range –40°C to +85°C
• Short circuit protection
• Wide input operating range
• Excellent line / load regulation
• Low standby current
• 3-year product warranty




Similar Part No. - TSR1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSR1-0512SM TRACOPOWER-TSR1-0512SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1-0515SM TRACOPOWER-TSR1-0515SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1-0518SM TRACOPOWER-TSR1-0518SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1-0525SM TRACOPOWER-TSR1-0525SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1-24120SM TRACOPOWER-TSR1-24120SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
More results


Similar Description - TSR1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSR0-5 TRACOPOWER-TSR0-5 Datasheet
788Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 0.5 Series, 0.5 A
Rev. Januaryy 11, 2023
TSR0-5SM TRACOPOWER-TSR0-5SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 0.5SM Series, 0.5 A
Rev. Januaryy 11, 2023
TSR0-6WI TRACOPOWER-TSR0-6WI Datasheet
822Kb / 5P
Non-Isolated DC/DC Converter (POL) TSR 0.6WI Series, 0.6 A
Rev. November 30, 2022
TSR1-5E TRACOPOWER-TSR1-5E Datasheet
771Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1.5E Series, 1.5 A
Rev. November 30, 2022
TSR1E TRACOPOWER-TSR1E Datasheet
811Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1E Series, 1 A
Rev. November 30, 2022
TSR1SM TRACOPOWER-TSR1SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1WI TRACOPOWER-TSR1WI Datasheet
843Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1WI Series, 1 A
Rev. November 30, 2022
TSR2 TRACOPOWER-TSR2 Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 2 Series, 2 A
Rev. November 30, 2022
TSR3 TRACOPOWER-TSR3 Datasheet
848Kb / 5P
Non-Isolated DC/DC Converter (POL) TSR 3 Series, 3 A
Rev. February 20, 2023
TSRN1 TRACOPOWER-TSRN1 Datasheet
872Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1 Series, 1 A
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com