Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSRN1 Datasheet (PDF) - TRACO Electronic AG

TSRN1 Datasheet PDF - TRACO Electronic AG
Part # TSRN1
Download  TSRN1 Download
File Size   872.34 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSRN 1 Series, 1 A

TSRN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSRN1 Datasheet PDF - TRACO Electronic AG

Part # TSRN1
Download  TSRN1 Click to download

File Size   872.34 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description Non-Isolated DC/DC Converter (POL) TSRN 1 Series, 1 A

TSRN1 Datasheet (HTML) - TRACO Electronic AG


TSRN1 Product details

• SIP-package fits existing TO-220
footprint
• Suitable for positive & negative output
circuit
• Pin compatible with LMxx linear
regulators
• Built in filter capacitors
• Operation temp. range –40°C to +85°C
• No heat-sink required
• Over-temperature & short circuit
protection
• Wide input range up to 36 VDC
• Excellent line/load regulation
• 3-year product warranty




Similar Part No. - TSRN1

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSRN1-0525SM TRACOPOWER-TSRN1-0525SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
TSRN1-24120SM TRACOPOWER-TSRN1-24120SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
TSRN1-24150SM TRACOPOWER-TSRN1-24150SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
TSRN1-2433SM TRACOPOWER-TSRN1-2433SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
TSRN1-2450SM TRACOPOWER-TSRN1-2450SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
More results


Similar Description - TSRN1

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30E ARTESYN-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
SMT30E ARTESYN-SMT30E Datasheet
198Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
List of Unclassifed Man...
SNS5A ETC2-SNS5A Datasheet
233Kb / 2P
Non-isolated DC/DC POL converter
logo
Emerson Network Power
SIL30E EMERSON-NETWORKPOWER-SIL30E Datasheet
192Kb / 4P
DC-DC CONVERTERS Non-isolated POL Converter
logo
TRACO Electronic AG
TSN1 TRACOPOWER-TSN1 Datasheet
864Kb / 4P
Non-Isolated DC/DC Converter (POL) TSN 1 Series, 1 A
Rev. November 30, 2022
TSR1 TRACOPOWER-TSR1 Datasheet
820Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1 Series, 1 A
Rev. November 30, 2022
TSR1E TRACOPOWER-TSR1E Datasheet
811Kb / 3P
Non-Isolated DC/DC Converter (POL) TSR 1E Series, 1 A
Rev. November 30, 2022
TSR1SM TRACOPOWER-TSR1SM Datasheet
1Mb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1SM Series, 1 A
Rev. November 30, 2022
TSR1WI TRACOPOWER-TSR1WI Datasheet
843Kb / 4P
Non-Isolated DC/DC Converter (POL) TSR 1WI Series, 1 A
Rev. November 30, 2022
TSRN1SM TRACOPOWER-TSRN1SM Datasheet
837Kb / 4P
Non-Isolated DC/DC Converter (POL) TSRN 1SM Series, 1 A
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com