Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SER0002 Datasheet (PDF) - List of Unclassifed Manufacturers

SER0002 Datasheet PDF - List of Unclassifed Manufacturers
Part # SER0002
Download  SER0002 Download
File Size   138.99 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Hitec HS422 Servo

SER0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
SER0002 Datasheet PDF - List of Unclassifed Manufacturers

Part # SER0002
Download  SER0002 Click to download

File Size   138.99 Kbytes
Page   3 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Hitec HS422 Servo

SER0002 Datasheet (HTML) - List of Unclassifed Manufacturers


SER0002 Product details

SPECIFICATION
- Control System: +Pulse Width Control 1500usec Neutral
- Required Pulse: 3-5 Volt Peak to Peak Square Wave
- Operating Voltage: 4.8-6.0 Volts
- Operating Temperature Range: -20 to +60 Degree C
- Operating Speed (4.8V): 0.21sec/60° at no load
- Operating Speed (6.0V): 0.16sec/60° at no load
- Stall Torque (4.8V): 45.82 oz/in. (3.3kg.cm)
- Stall Torque (6.0V): 56.93 oz/in. (4.1kg.cm)
- Operating Angle: 45 Deg. one side pulse traveling 400usec
- Dead Band Width: 8usec
- Motor Type: 3 Pole Ferrite
- Potentiometer Drive: Indirect Drive
- Bearing Type: Dual Oilite Bushing
- Gear Type: Nylon
- Connector Wire Length: 11.81" (300mm=11.81in)
- Dimensions: See Schematics
- Weight: 1.6oz (45.5g)
- 360 Modifiable: Yes
- Direction: Clockwise/Pulse Traveling 1500 to 1900usec
- Current Drain (4.8V): 8mA/idle and 150mA no load operating
- Current Drain (6.0V): 8.8mA/idle and 180mA no load operating
- Dead Band Width: 8usec
- Motor Type: 3 Pole Ferrite
- Potentiometer Drive: Indirect Drive
- Bearing Type: Dual Oilite Bushing
- Gear Type: Nylon
- Connector Wire Length: 11.81" (300mm=11.81in)
- Dimensions: See Schematics
- Weight: 1.6oz (45.5g)




Similar Part No. - SER0002

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SER0038 DFROBOT-SER0038 Datasheet
89Kb / 1P
heavy-duty metal gear standard servo with 270°wide angle, high torque power, improved stability and durability.
More results


Similar Description - SER0002

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-12142 SPARKFUN-ROB-12142 Datasheet
98Kb / 1P
Servo Gear - Hitec (20T; Metal)
1/15/2016
ROB-12227 SPARKFUN-ROB-12227 Datasheet
93Kb / 1P
Servo Hub - Tall (Hitec Standard)
1/14/2016
ROB-12231 SPARKFUN-ROB-12231 Datasheet
100Kb / 1P
Servo Gear - Hitec (32T; Metal)
1/15/2016
ROB-12258 SPARKFUN-ROB-12258 Datasheet
98Kb / 1P
Servo Gear - Hitec (12T; Metal)
1/15/2016
ROB-12341 SPARKFUN-ROB-12341 Datasheet
97Kb / 1P
Servo Gear - Hitec (24T; Metal)
1/15/2016
ROB-12389 SPARKFUN-ROB-12389 Datasheet
95Kb / 1P
Servo Gear - Hitec (16T; Metal)
1/15/2016
ROB-12443 SPARKFUN-ROB-12443 Datasheet
93Kb / 1P
Servo Hub - Standard (Hitec Standard)
1/15/2016
ROB-12501 SPARKFUN-ROB-12501 Datasheet
94Kb / 1P
Servo Shaft Coupler - Hitec Standard
1/15/2016
ROB-12543 SPARKFUN-ROB-12543 Datasheet
96Kb / 1P
Servo Hub - Lightweight (Hitec Standard)
1/15/2016
ROB-12546 SPARKFUN-ROB-12546 Datasheet
94Kb / 1P
Servo Arm - Double (Hitec Standard Spline)
1/15/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com