Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SER0002 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SER0002
Description  Hitec HS422 Servo
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SER0002 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SER0002 Datasheet HTML 1Page - List of Unclassifed Manufacturers SER0002 Datasheet HTML 2Page - List of Unclassifed Manufacturers SER0002 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECIFICATION
Control System: +Pulse Width Control 1500usec Neutral
Required Pulse: 3-5 Volt Peak to Peak Square Wave
Operating Voltage: 4.8-6.0 Volts
Operating Temperature Range: -20 to +60 Degree C
Operating Speed (4.8V): 0.21sec/60° at no load
Operating Speed (6.0V): 0.16sec/60° at no load
Stall Torque (4.8V): 45.82 oz/in. (3.3kg.cm)
Stall Torque (6.0V): 56.93 oz/in. (4.1kg.cm)
Operating Angle: 45 Deg. one side pulse traveling 400usec
360 Modifiable: Yes
Direction: Clockwise/Pulse Traveling 1500 to 1900usec
Current Drain (4.8V): 8mA/idle and 150mA no load operating
Current Drain (6.0V): 8.8mA/idle and 180mA no load operating
Dead Band Width: 8usec
Motor Type: 3 Pole Ferrite
Potentiometer Drive: Indirect Drive
Bearing Type: Dual Oilite Bushing
Gear Type: Nylon
Connector Wire Length: 11.81" (300mm=11.81in)
Dimensions: See Schematics
Weight: 1.6oz (45.5g)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com