Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX550 Datasheet (PDF) - Artesyn Technologies

LX550 Datasheet PDF - Artesyn Technologies
Part # LX550
Download  LX550 Download
File Size   51.2 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Flexible single and multiple outputs

LX550 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX550 Datasheet PDF - Artesyn Technologies

Part # LX550
Download  LX550 Click to download

File Size   51.2 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Flexible single and multiple outputs

LX550 Datasheet (HTML) - Artesyn Technologies


LX550 Product details

The LX550 family offers 550 Watts of continuous output power in a low profile industry standard footprint. Cover and fan assembly and over temperature protection are fitted as standard. With two standard single output options, and a flexible standard multiple output, the series can address most power requirements as standard. The design is specifically tailored to allow full flexibility, and modifications to meet customer applications can be implemented with ease. The LX550 AC input series meet the safety requirements of EN60950, VDE0805, UL1950 and CSA C22.2 No. 950. Input conducted noise levels meet the requirements of EN55022 class B. LX550 series power supplies are ideal for use in high power industrial applications and are particularly suitable for front end power systems.



• 550W continuous output power

• Industry standard footprint, low profile

• Conducted noise to meet EN55022 class B

• AC and DC input voltage options in same package

• Efficiency up to 88%

• Optional power sharing/VME signals

• Autoranging input




Similar Part No. - LX550

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5501A MICROSEMI-LX5501A Datasheet
158Kb / 7P
InGAP HBT Gain Block
LX5501ASE MICROSEMI-LX5501ASE Datasheet
158Kb / 7P
InGAP HBT Gain Block
LX5501B MICROSEMI-LX5501B Datasheet
149Kb / 6P
InGAP HBT Gain Block TM
LX5501BSE MICROSEMI-LX5501BSE Datasheet
149Kb / 6P
InGAP HBT Gain Block TM
LX5503 MICROSEMI-LX5503 Datasheet
473Kb / 13P
InGaP HBT 5-6GHz Power Amplifier
More results


Similar Description - LX550

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LX200 ARTESYN-LX200 Datasheet
54Kb / 4P
Flexible single and muliple outputs
LX350 ARTESYN-LX350 Datasheet
53Kb / 4P
Flexible single and multiple outputs
logo
RF Micro Devices
RFVC1831 RFMD-RFVC1831 Datasheet
964Kb / 10P
Multiple Frequency Outputs
RFVC1832A RFMD-RFVC1832A Datasheet
739Kb / 9P
Multiple Frequency Outputs
RFVC1835 RFMD-RFVC1835 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1838 RFMD-RFVC1838 Datasheet
603Kb / 10P
Multiple Frequency Outputs
RFVC1838A RFMD-RFVC1838A Datasheet
633Kb / 10P
Multiple Frequency Outputs
RFVC1839 RFMD-RFVC1839 Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1839A RFMD-RFVC1839A Datasheet
1Mb / 10P
Multiple Frequency Outputs
RFVC1840 RFMD-RFVC1840 Datasheet
601Kb / 10P
Multiple Frequency Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com