Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

286S Datasheet (PDF) - List of Unclassifed Manufacturers

286S Datasheet PDF - List of Unclassifed Manufacturers
Part # 286S
Download  286S Download
File Size   1513.33 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Channel Strip Processor 286s Mic Preamp

286S Datasheet (PDF)

Go To PDF Page Download Datasheet
286S Datasheet PDF - List of Unclassifed Manufacturers

Part # 286S
Download  286S Click to download

File Size   1513.33 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Channel Strip Processor 286s Mic Preamp

286S Datasheet (HTML) - List of Unclassifed Manufacturers


286S Product details

Features
< Studio quality Mic Preamp/Channel Strip
Processor
< Classic dbx Compression puts great sound
within easy reach
< Program adaptive Expander/Gate
< Frequency tunable De-Esser reduces
sibilance and high frequency distortion
< Enhancer increases the detail and definition
of the high and low frequencies
< Full compliment of meters and status LEDs
< Insert jack allows you to add an external
processor
< +48V Phantom Power
< Precision detented controls




Similar Part No. - 286S

ManufacturerPart #DatasheetDescription
logo
Littelfuse
286 LITTELFUSE-286 Datasheet
114Kb / 1P
Fuseholders - For 3AG, 5 x 20mm, or 2AG Fuses
logo
List of Unclassifed Man...
286 ETC2-286 Datasheet
104Kb / 1P
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
logo
Alpha Wire
286 ALPHAWIRE-286 Datasheet
97Kb / 3P
Customer Specification
2/20/2023
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
logo
Abbatron All Rights Res...
286 ABBATRON-286 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results


Similar Description - 286S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7335 STMICROELECTRONICS-TDA7335 Datasheet
427Kb / 20P
STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
Nov-1999
TDA7336 STMICROELECTRONICS-TDA7336 Datasheet
394Kb / 20P
STEREO PREAMP AMS DOLBY B* NOISE REDUCTION PROCESSOR
Nov-1999
logo
AUK corp
SRM351VF AUK-SRM351VF Datasheet
61Kb / 6P
Remocon Preamp
SRM354VF AUK-SRM354VF Datasheet
79Kb / 5P
Remocon Preamp
logo
Sanyo Semicon Device
LA7027 SANYO-LA7027 Datasheet
123Kb / 1P
VTR PLAYBACK PREAMP
logo
Eudyna Devices Inc
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
InGaAs-PIN/Preamp Preamp
logo
AUK corp
SRM-351VF AUK-SRM-351VF Datasheet
64Kb / 6P
Remocon Preamp
SRM-354VF AUK-SRM-354VF Datasheet
82Kb / 5P
Remocon Preamp
logo
Asahi Kasei Microsystem...
AK5702 AKM-AK5702 Datasheet
967Kb / 76P
4-Channel ADC with PLL & MIC-AMP
logo
NTE Electronics
NTE1480 NTE-NTE1480 Datasheet
73Kb / 1P
Integrated Circuit 2−Channel Audio Preamp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com