Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM300 Datasheet (PDF) - Artesyn Technologies

PM300 Datasheet PDF - Artesyn Technologies
Part # PM300
Download  PM300 Download
File Size   39.53 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules

PM300 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM300 Datasheet PDF - Artesyn Technologies

Part # PM300
Download  PM300 Click to download

File Size   39.53 Kbytes
Page   2 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules

PM300 Datasheet (HTML) - Artesyn Technologies


PM300 Product details

Single, dual and triple output

These popular chassis-mountable linear power modules feature 13 single, 17 dual and 10 triple output models. This series is designed for special applications where mounting on a housing or metal chassis is required. Input/output connections are made to screw terminals on a barrier terminal strip and mounting is made convenient by means of four threaded inserts in the bottom of each module. For maximum safety, all power transformers are split bobbin wound, rather than layer wound, to give total isolation between primary and secondary. Overvoltage crowbar protection is standard on all 5V outputs for protection of logic circuitry. Standard input voltage is 115VAC at 47 to 400Hz; other optional inputs are 220, and 240VAC. Input/output isolation voltage is 2500VAC. Output current limiting and short circuit protection are standard.

• Terminal strip connections
• Chassis mounted
• Split bobbin wound
• UL and CSA approved
• 115, 220 or 240VAC input
• Short circuit protection




Similar Part No. - PM300

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
PM300 COHERENT-PM300 Datasheet
416Kb / 3P
Water-Cooled Thermopile Sensors to 5 kW
logo
TT Electronics.
PM300 TTELEC-PM300 Datasheet
717Kb / 4P
PM300 Medical & ITE Power Supplies (200-300W)
22/07/2020
PM300-10-3B TTELEC-PM300-10-3B Datasheet
717Kb / 4P
PM300 Medical & ITE Power Supplies (200-300W)
22/07/2020
PM300-10B TTELEC-PM300-10B Datasheet
717Kb / 4P
PM300 Medical & ITE Power Supplies (200-300W)
22/07/2020
PM300-12B TTELEC-PM300-12B Datasheet
717Kb / 4P
PM300 Medical & ITE Power Supplies (200-300W)
22/07/2020
More results


Similar Description - PM300

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPD15 ARTESYN-HPD15 Datasheet
49Kb / 3P
Single, dual and triple output 15 Watt Wide input DC/DC converters
PM300CE ARTESYN-PM300CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM500 ARTESYN-PM500 Datasheet
65Kb / 3P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
PM500CE ARTESYN-PM500CE Datasheet
46Kb / 2P
Single, dual and triple output 1 to 10.5 Watt AC/DC encapsulated modules
logo
AIMTEC
AME15 AIMTEC-AME15 Datasheet
401Kb / 3P
15 watt encapsulated ac-dc converter
logo
Recom International Pow...
RAC15-05SA RECOM-RAC15-05SA Datasheet
97Kb / 3P
15 Watt Single, Dual & Triple Output
RAC15-3.3SB RECOM-RAC15-3.3SB Datasheet
99Kb / 2P
15 Watt Single, Dual & Triple Output
logo
Wall Industries,Inc.
PSASC WALL-PSASC Datasheet
146Kb / 3P
30 Watt Encapsulated PCB Mount Single, Dual, and Triple Output AC/DC Switching Power Supply
logo
Recom International Pow...
RAC15-A RECOM-RAC15-A Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
15 Watt Single/Dual & Triple Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com