Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM300 Datasheet (PDF) - TT Electronics.

PM300 Datasheet PDF - TT Electronics.
Part # PM300
Download  PM300 Download
File Size   717.01 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM300 Medical & ITE Power Supplies (200-300W)

PM300 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM300 Datasheet PDF - TT Electronics.

Part # PM300
Download  PM300 Click to download

File Size   717.01 Kbytes
Page   4 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description PM300 Medical & ITE Power Supplies (200-300W)

PM300 Datasheet (HTML) - TT Electronics.


PM300 Product details

Features:
• EN61000-3-2 class A and D compliant
• Power Factor 0.98 typical
• Overvoltage protection
• Short-circuit protection
• Power Fail Detect (PFD) signal
• 100% burn-in at full rated load
• Remote sense on output #1 and output #2
• Remote inhibit –TTL high to disable output
• Compliant with RoHS requirements
Description:
The PM300 series comprising single and multiple output models for 200-300 watts of continuous output power is specially
designed for medical and ITE applications. They operate at 90-264VAC input voltage without the need of a selector strap. All
auxiliary outputs are with magnetic amplifier to keep regulation. The units are constructed on a printed circuit board with a
U-bracket for mechanical support and heat sinking. A cover-and-fan assembly can be added during manufacturing.




Similar Part No. - PM300

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM300 ARTESYN-PM300 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
logo
Coherent Corp
PM300 COHERENT-PM300 Datasheet
416Kb / 3P
Water-Cooled Thermopile Sensors to 5 kW
logo
List of Unclassifed Man...
PM3006 ETC2-PM3006 Datasheet
648Kb / 1P
PM SERIES POWER SUPPLY UNITS
PM3006-2 ETC2-PM3006-2 Datasheet
648Kb / 1P
PM SERIES POWER SUPPLY UNITS
PM3006-3 ETC2-PM3006-3 Datasheet
648Kb / 1P
PM SERIES POWER SUPPLY UNITS
More results


Similar Description - PM300

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
TDK Electronics
CFE400M TDK-CFE400M Datasheet
594Kb / 2P
300W Convection / 400W Fan Cooled Medical Power Supplies
logo
Tumbler Technologies + ...
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TMP220 TRUMPOWER-TMP220 Datasheet
112Kb / 2P
200-220 Watts Medical & ITE Power Adapters
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
Medical and ITE Grade 300W AC/DC Power Adapters
logo
TDK Electronics
CUS350M TDK-CUS350M Datasheet
1Mb / 3P
Single Output 350W Medical & ITE Power Supplies
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com