Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX462LQR Datasheet (PDF) - Sony Corporation

IMX462LQR Datasheet PDF - Sony Corporation
Part # IMX462LQR
Download  IMX462LQR Download
File Size   149.68 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6.46 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras

IMX462LQR Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX462LQR Datasheet PDF - Sony Corporation

Part # IMX462LQR
Download  IMX462LQR Click to download

File Size   149.68 Kbytes
Page   4 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6.46 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras

IMX462LQR Datasheet (HTML) - Sony Corporation


IMX462LQR Product details

Features
◆CMOS active pixel type dots
◆Built-in timing adjustment circuit, H/V driver and serial communication circuit
◆Input frequency: 74.25 MHz / 37.125 MHz
◆Number of recommended recording pixels: 1920 (H) × 1080 (V) approx. 2.07 M pixels
◆Readout mode All-pixel scan mode 720p-HD readout mode Window cropping mode Vertical / Horizontal direction-normal / inverted readout mode
◆Readout rate Maximum frame rate in Full HD 1080p mode: 120 frame / s
◆High dynamic range (HDR) function
Multiple exposure HDR
Digital overlap HDR
◆Variable-speed shutter function (resolution 1H units)
◆10-bit / 12-bit A/D converter
◆CDS / PGA function 0 dB to 29.4 dB: Analog Gain 29.4 dB (step pitch 0.3 dB) 29.7 dB to 71.4 dB: Analog Gain 29.4 dB + Digital Gain 0.3 to 42 dB (step pitch 0.3 dB)
◆Supports I/O switching
CMOS logic parallel SDR output Low voltage LVDS (150 m Vp-p) serial ( 2 ch / 4 ch / 8 ch switching) DDR output CSI-2 serial data output ( 2 Lane / 4 Lane, RAW10 / RAW12 output)
◆Recommended exit pupil distance: –30 mm to –∞




Similar Part No. - IMX462LQR

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
4 Watt DC-DC Converters
logo
Rohm
IMX4 ROHM-IMX4 Datasheet
66Kb / 2P
High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
76Kb / 4P
High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
89Kb / 4P
Two 2SC3837K chips in a EMT or UMT or SMT package.
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
4 Watt DC-DC Converters
More results


Similar Description - IMX462LQR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
IMX122LQJ-C SONY-IMX122LQJ-C Datasheet
3Mb / 104P
Diagonal 6.4 mm (Type 1/2.9) CMOS Image Sensor with Square Pixel for Color Cameras
IMX290LQR SONY-IMX290LQR Datasheet
377Kb / 2P
Diagonal 6.46 mm (Type 1/2.8) Square Pixel Array Color CMOS Image Sensor
IMX323LQ-C SONY-IMX323LQ-C Datasheet
1Mb / 78P
Diagonal 6.23 mm (Type 1/2.9) CMOS Image Sensor with Square Pixel for Color Cameras
IMX377 SONY-IMX377 Datasheet
130Kb / 3P
Diagonal 7.81 mm (Type 1/2.3) CMOS Image Sensor with Square Pixel for Color Cameras
IMX350 SONY-IMX350 Datasheet
127Kb / 2P
Diagonal 6.475 mm (Type 1/2.78) 20Mega-Pixel CMOS Image Sensor with Square Pixel for Color Cameras
IMX415-AAQR-C SONY-IMX415-AAQR-C Datasheet
1Mb / 101P
Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
2019 / 05 / 21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com