Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX4 Datasheet (PDF) - Bel Fuse Inc.

IMX4 Datasheet PDF - Bel Fuse Inc.
Part # IMX4
Download  IMX4 Download
File Size   1212.73 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4 Watt DC-DC Converters

IMX4 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX4 Datasheet PDF - Bel Fuse Inc.

Part # IMX4
Download  IMX4 Click to download

File Size   1212.73 Kbytes
Page   12 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description 4 Watt DC-DC Converters

IMX4 Datasheet (HTML) - Bel Fuse Inc.


IMX4 Product details

Description
The IMX4 Series of board-mountable 4-watt DC-DC converters has been designed according to the latest industry requirements and standards. The converters are particularly suitable for use in mobile or stationary applications in transport, industry, or telecom, where variable input voltages or high transient voltages are prevalent.

Features
• RoHS lead-free-solder and lead-solder-exempted products are available.
• Input voltage ranges up to 121 VDC
• Voltage withstand test 1500 VAC
• 1 or 2 isolated outputs up to 48 V
• Extremely wide input voltage ranges
• Immunity according to IEC/EN 61000-4-2, -3, -4, -5, -6
• High efficiency (typ. 83%)
• Flexible load distribution on outputs
• Outputs no-load, overload, and short-circuit proof
• High reliability
• Operating ambient temperature –40 to +85 °C
• Thermal protection
• Industrial and alternative pinout
• DIL 24 case with 8.5 mm profile




Similar Part No. - IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
4 Watt DC-DC Converters
logo
Rohm
IMX4 ROHM-IMX4 Datasheet
66Kb / 2P
High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
76Kb / 4P
High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
89Kb / 4P
Two 2SC3837K chips in a EMT or UMT or SMT package.
logo
Sony Corporation
IMX415 SONY-IMX415 Datasheet
1Mb / 101P
Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
2019 / 05 / 21
More results


Similar Description - IMX4

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
4 Watt DC-DC Converters
logo
AIMTEC
AM4T AIMTEC-AM4T Datasheet
277Kb / 3P
4 watt dc-dc converters
AM4TW AIMTEC-AM4TW Datasheet
249Kb / 2P
4 watt dc-dc converters
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
DC/DC CONVERTERS 4:1 Input, 8 Watt
TD3W-15S1205 TRUMPOWER-TD3W-15S1205 Datasheet
27Kb / 1P
DC/DC CONVERTERS 4:1 Input, 15 Watt
logo
CINCON ELECTRONICS Corp...
EC3SBW CINCON-EC3SBW Datasheet
214Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5BW CINCON-EC5BW Datasheet
202Kb / 2P
15 WATT 4:1 INPUT DC-DC CONVERTERS
EC5SBW-24S33 CINCON-EC5SBW-24S33 Datasheet
256Kb / 2P
30 WATT 4:1 INPUT DC-DC CONVERTERS
ECLB40W CINCON-ECLB40W Datasheet
208Kb / 2P
40 WATT 4:1 INPUT DC-DC CONVERTERS
logo
TRACO Electronic AG
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com