Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX415 Datasheet (PDF) - Sony Corporation

IMX415 Datasheet PDF - Sony Corporation
Part # IMX415
Download  IMX415 Download
File Size   1479.98 Kbytes
Page   101 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras

IMX415 Datasheet (PDF)

Go To PDF Page Download Datasheet
IMX415 Datasheet PDF - Sony Corporation

Part # IMX415
Download  IMX415 Click to download

File Size   1479.98 Kbytes
Page   101 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Diagonal 6.43 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras

IMX415 Datasheet (HTML) - Sony Corporation


IMX415 Product details

Features
◆ CMOS active pixel type dots
◆ Built-in timing adjustment circuit, H/V driver and serial communication circuit
◆ Input frequency: 24 MHz / 27 MHz / 37.125 MHz / 72 MHz / 74.25 MHz
◆ Number of recommended recording pixels: 3840 (H) × 2160 (V) approx. 8.29M pixel
◆ Readout mode
All-pixel scan mode
Horizontal / Vertical 2/2-line binning mode
Window cropping mode
Horizontal / Vertical direction - Normal / Inverted readout mode
◆ Readout rate
Maximum frame rate in
All-pixel scan mode: 12 bit: 60.3 frame/s, 10 bit: 90.9 frame/s
◆ High dynamic range (HDR) function
Multiple exposure HDR
Digital overlap HDR
◆ Synchronizing sensors function
◆ Variable-speed shutter function (resolution 1H units)
◆ CDS / PGA function
0 dB to 30 dB : Analog Gain 30 dB (step pitch 0.3 dB)
30.3 dB to 72 dB : Analog Gain 30 dB + Digital Gain 0.3 dB to 42 dB (step pitch 0.3 dB)
◆ Supports I/O
CSI-2 serial data output ( 2 Lane / 4 Lane ), RAW10 / RAW12 output
◆ Recommended exit pupil distance: –30 mm to –∞




Similar Part No. - IMX415

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX4 POWER-ONE-IMX4 Datasheet
47Kb / 4P
4 Watt DC-DC Converters
logo
Rohm
IMX4 ROHM-IMX4 Datasheet
66Kb / 2P
High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
76Kb / 4P
High transition frequency (dual transistors)
IMX4 ROHM-IMX4 Datasheet
89Kb / 4P
Two 2SC3837K chips in a EMT or UMT or SMT package.
logo
Bel Fuse Inc.
IMX4 BEL-IMX4 Datasheet
1Mb / 12P
4 Watt DC-DC Converters
More results


Similar Description - IMX415

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ICX224AKF SONY-ICX224AKF Datasheet
392Kb / 25P
Diagonal 8mm (Type 1/2) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX252AK SONY-ICX252AK Datasheet
428Kb / 30P
Diagonal 8.933mm (Type 1/1.8) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
ICX274AQF SONY-ICX274AQF Datasheet
931Kb / 72P
Diagonal 8.923mm (Type 1/1.8) Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
ICX284AQ SONY-ICX284AQ Datasheet
369Kb / 24P
Diagonal 6.64mm (Type 1/2.7) Frame Readout CCD Image Sensor with Square Pixel for Color Cameras
IMX122LQJ-C SONY-IMX122LQJ-C Datasheet
3Mb / 104P
Diagonal 6.4 mm (Type 1/2.9) CMOS Image Sensor with Square Pixel for Color Cameras
IMX290LQR SONY-IMX290LQR Datasheet
377Kb / 2P
Diagonal 6.46 mm (Type 1/2.8) Square Pixel Array Color CMOS Image Sensor
IMX323LQ-C SONY-IMX323LQ-C Datasheet
1Mb / 78P
Diagonal 6.23 mm (Type 1/2.9) CMOS Image Sensor with Square Pixel for Color Cameras
IMX377 SONY-IMX377 Datasheet
130Kb / 3P
Diagonal 7.81 mm (Type 1/2.3) CMOS Image Sensor with Square Pixel for Color Cameras
IMX350 SONY-IMX350 Datasheet
127Kb / 2P
Diagonal 6.475 mm (Type 1/2.78) 20Mega-Pixel CMOS Image Sensor with Square Pixel for Color Cameras
IMX462LQR SONY-IMX462LQR Datasheet
149Kb / 4P
Diagonal 6.46 mm (Type 1/2.8) CMOS Solid-state Image Sensor with Square Pixel for Color Cameras
Ver.2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com