Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G63CFR-RDI Datasheet (PDF) - Hynix Semiconductor

H5TC4G63CFR-RDI Datasheet PDF - Hynix Semiconductor
Part # H5TC4G63CFR-RDI
Download  H5TC4G63CFR-RDI Download
File Size   472.76 Kbytes
Page   33 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)

H5TC4G63CFR-RDI Datasheet (PDF)

Go To PDF Page Download Datasheet
H5TC4G63CFR-RDI Datasheet PDF - Hynix Semiconductor

Part # H5TC4G63CFR-RDI
Download  H5TC4G63CFR-RDI Click to download

File Size   472.76 Kbytes
Page   33 Pages
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor
Description 4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)

H5TC4G63CFR-RDI Datasheet (HTML) - Hynix Semiconductor


H5TC4G63CFR-RDI Product details

FEATURES
• VDD=VDDQ=1.35V + 0.100 / - 0.067V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data,
data strobes and data masks latched on the
rising edges of the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, 11 and 13
supported
• Programmable additive latency 0, CL-1, and CL-2
supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• Average Refresh Cycle (Tcase of 0 oC~ 95 oC)
- 7.8 μs at 0oC ~ 85 oC
- 3.9 μs at 85oC ~ 95 oC
Commercial Temperature( 0oC ~ 95 oC)
Industrial Temperature( -40oC ~ 95 oC)
• JEDEC standard 78ball FBGA(x8), 96ball FBGA (x16)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch




Similar Part No. - H5TC4G63CFR-RDI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TC4G63AFR HYNIX-H5TC4G63AFR Datasheet
497Kb / 35P
4Gb DDR3L SDRAM
H5TC4G63AFR-G7A HYNIX-H5TC4G63AFR-G7A Datasheet
497Kb / 35P
4Gb DDR3L SDRAM
H5TC4G63AFR-H9A HYNIX-H5TC4G63AFR-H9A Datasheet
497Kb / 35P
4Gb DDR3L SDRAM
H5TC4G63AFR-PBA HYNIX-H5TC4G63AFR-PBA Datasheet
497Kb / 35P
4Gb DDR3L SDRAM
H5TC4G63AFR-RDA HYNIX-H5TC4G63AFR-RDA Datasheet
497Kb / 35P
4Gb DDR3L SDRAM
More results


Similar Description - H5TC4G63CFR-RDI

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDE2108AEBG ELPIDA-EDE2108AEBG Datasheet
498Kb / 73P
Lead-free (RoHS compliant) and Halogen-free
logo
International Rectifier
IRF7749L1PBF IRF-IRF7749L1PBF Datasheet
275Kb / 10P
RoHS Compliant, Halogen Free
logo
YAGEO Corporation
PF2512FKF070R01L YAGEO-PF2512FKF070R01L Datasheet
332Kb / 10P
RoHS compliant & Halogen free
logo
Littelfuse
1206L035YR LITTELFUSE-1206L035YR Datasheet
789Kb / 6P
RoHS compliant, lead-free and halogen-free
1206L150THWR LITTELFUSE-1206L150THWR Datasheet
789Kb / 6P
RoHS compliant, lead-free and halogen-free
logo
Advanced Power Electron...
AP1332GEU-HF A-POWER-AP1332GEU-HF_16 Datasheet
64Kb / 5P
RoHS Compliant & Halogen-Free
logo
Samsung semiconductor
K4B4G1646Q SAMSUNG-K4B4G1646Q Datasheet
522Kb / 65P
4Gb Q-die DDR3L SDRAM Olny x16 96FBGA with Lead-Free & Halogen-Free (RoHS compliant) 1.35V
logo
Hynix Semiconductor
H5AN8G4NAFR-XXC HYNIX-H5AN8G4NAFR-XXC Datasheet
821Kb / 45P
8Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.2 / Jul.2017
H5AN4G4NAFR-XXC HYNIX-H5AN4G4NAFR-XXC Datasheet
725Kb / 45P
4Gb DDR4 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.3 / Mar.2016
H5TQ2G83GFR-XXC HYNIX-H5TQ2G83GFR-XXC Datasheet
535Kb / 34P
2Gb DDR3 SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
Rev. 1.0 / June. 2015
More results




About Hynix Semiconductor


Hynix Semiconductor is a South Korean company that specializes in the design and manufacture of memory semiconductors.
The company was founded in 1983 and is headquartered in Icheon, South Korea.
Hynix is one of the world's leading producers of DRAM (dynamic random access memory) and NAND flash memory, which are used in various applications such as computer systems, mobile devices, and solid-state drives.
Hynix is known for its expertise in memory semiconductor technology and its ability to deliver high-quality and high-performance memory products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized memory solutions that meet their specific requirements and needs.
In addition to its memory products, Hynix also provides a range of products and solutions for the automotive and data center markets, such as system-on-a-chip (SoC) products and high-bandwidth memory (HBM) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com