Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G63CFR-RDI Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # H5TC4G63CFR-RDI
Description  4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G63CFR-RDI Datasheet(HTML) 3 Page - Hynix Semiconductor

  H5TC4G63CFR-RDI Datasheet HTML 1Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 2Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 3Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 4Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 5Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 6Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 7Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 8Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
Rev. 1.4/ Oct. 2015
3
Description
The H5TC4G83CFR-xxA(I,L,J),H5TQC4G63CFR-xxA(I,L,J) are a 4Gb low power Double Data Rate III
(DDR3L) Synchronous DRAM, ideally suited for the main memory applications which requires large
memory density, high bandwidth and low power operation at 1.35V. SK Hynix DDR3L SDRAM provides
backward compatibility with the 1.5V DDR3 based environment without any changes. SK Hynix 4Gb DDR3L
SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the clock. While
all addresses and control inputs are latched on the rising edges of the clock (falling edges of the clock),
data, data strobes and write data masks inputs are sampled on both rising and falling edges of it. The data
paths are internally pipelined and 8-bit prefetched to achieve very high bandwidth.
Device Features and Ordering Information
FEATURES
* This product in compliance with the RoHS directive.
• VDD=VDDQ=1.35V + 0.100 / - 0.067V
• Fully differential clock inputs (CK, CK) operation
• Differential Data Strobe (DQS, DQS)
• On chip DLL align DQ, DQS and DQS transition with CK
transition
• DM masks write data-in at the both rising and falling
edges of the data strobe
• All addresses and control inputs except data,
data strobes and data masks latched on the
rising edges of the clock
• Programmable CAS latency 5, 6, 7, 8, 9, 10, 11 and 13
supported
• Programmable additive latency 0, CL-1, and CL-2
supported
• Programmable CAS Write latency (CWL) = 5, 6, 7, 8
• Programmable burst length 4/8 with both nibble
sequential and interleave mode
• BL switch on the fly
• 8banks
• AverageRefreshCycle (Tcaseof0 oC~95oC)
- 7.8 µs at 0oC ~ 85 oC
- 3.9 µs at 85oC ~ 95 oC
Commercial Temperature( 0oC ~ 95 oC)
Industrial Temperature( -40oC ~ 95 oC)
• JEDEC standard 78ball FBGA(x8), 96ball FBGA (x16)
• Driver strength selected by EMRS
• Dynamic On Die Termination supported
• Asynchronous RESET pin supported
• ZQ calibration supported
• TDQS (Termination Data Strobe) supported (x8 only)
• Write Levelization supported
• 8 bit pre-fetch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com