Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G63CFR-RDI Datasheet(PDF) 26 Page - Hynix Semiconductor

Part # H5TC4G63CFR-RDI
Description  4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G63CFR-RDI Datasheet(HTML) 26 Page - Hynix Semiconductor

Back Button H5TC4G63CFR-RDI Datasheet HTML 22Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 23Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 24Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 25Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 26Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 27Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 28Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 29Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 30Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Rev. 1.4/ Oct. 2015
26
Input/Output Capacitance
Parameter
Symbol
DDR3-1066 DDR3-1333 DDR3-1600 DDR3-1866
Units Notes
Min
Max
Min
Max
Min
Max
Min
Max
Input/output capacitance
(DQ, DM, DQS, DQS,
TDQS, TDQS)
CIO
1.5
2.7
1.5
2.5
1.5
2.3
1.4
2.2
pF
1,2,3
Input capacitance, CK and
CK
CCK
0.8
1.6
0.8
1.4
0.8
1.4
0.8
1.3
pF
2,3
Input capacitance delta
CK and CK
CDCK
0
0.15
0
0.15
0
0.15
0
0.15
pF
2,3,4
Input capacitance delta,
DQS and DQS
CDDQS
0
0.20
0
0.15
0
0.15
0
0.15
pF
2,3,5
Input capacitance
(All other input-only pins)
CI
0.75
1.35
0.75
1.3
0.75
1.3
0.75
1.2
pF
2,3,6
Input capacitance delta
(All CTRL input-only pins)
CDI_CTRL -0.5
0.3
-0.4
0.2
-0.4
0.2
-0.4
0.2
pF
2,3,7,8
Input capacitance delta
(All ADD/CMD input-only
pins)
CDI_ADD_
CMD
-0.5
0.5
-0.4
0.4
-0.4
0.4
-0.4
0.4
pF
2,3,9,10
Input/output capacitance
delta
(DQ, DM, DQS, DQS)
CDIO
-0.5
0.3
-0.5
0.3
-0.5
0.3
-0.5
0.3
pF
2,3,11
Input/output capacitance
of ZQ pin
CZQ
-
3
-
3
-
3
-
3
pF
2,3,12
Notes:
1. Although the DM, TDQS and TDQS pins have different functions, the loading matches DQ and DQS.
2. This parameter is not subject to production test. It is verified by design and characterization. The capacitance is
measured according to JEP147(“PROCEDURE FOR MEASURING INPUT CAPACITANCE USING A VECTOR NET-
WORK
ANALYZER(VNA)”) with VDD, VDDQ, VSS,VSSQ applied and all other pins floating (except the pin under test, CKE,
RESET and ODT as necessary). VDD=VDDQ=1.5V, VBIAS=VDD/2 and on-die termination off.
3. This parameter applies to monolithic devices only; stacked/dual-die devices are not covered here
4. Absolute value of CCK-CCK.
5. Absolute value of CIO(DQS)-CIO(DQS).
6. CI applies to ODT, CS, CKE, A0-A15, BA0-BA2, RAS, CAS, WE.
7. CDI_CTR applies to ODT, CS and CKE.
8. CDI_CTRL=CI(CNTL) - 0.5 * CI(CLK) + CI(CLK))
9. CDI_ADD_CMD applies to A0-A15, BA0-BA2, RAS, CAS and WE.
10. CDI_ADD_CMD=CI(ADD_CMD) - 0.5*(CI(CLK)+CI(CLK))
11. CDIO=CIO(DQ) - 0.5*(CIO(DQS)+CIO(DQS))
12. Maximum external load capacitance an ZQ pin: 5 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com