Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G63CFR-RDI Datasheet(PDF) 27 Page - Hynix Semiconductor

Part # H5TC4G63CFR-RDI
Description  4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G63CFR-RDI Datasheet(HTML) 27 Page - Hynix Semiconductor

Back Button H5TC4G63CFR-RDI Datasheet HTML 23Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 24Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 25Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 26Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 27Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 28Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 29Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 30Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 31Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Rev. 1.4/ Oct. 2015
27
Standard Speed Bins
DDR3 SDRAM Standard Speed Bins include tCK, tRCD, tRP, tRAS and tRC for each corresponding bin.
DDR3-1066 Speed Bins
For specific Notes see “Speed Bin Table Notes” on page 31.
Speed Bin
DDR3-1066
Unit
Note
CL - nRCD - nRP
7-7-7
Parameter
Symbol
min
max
Internal read command to
first data
tAA
13.125
20
ns
ACT to internal read or
write delay time
tRCD
13.125
—
ns
PRE command period
tRP
13.125
—
ns
ACT to ACT or REF
command period
tRC
50.625
—
ns
ACT to PRE command
period
tRAS
37.5
9 * tREFI
ns
CL = 5
CWL = 5
tCK(AVG)
3.0
3.3
ns
1, 2, 3, 4, 6,
12,13
CWL = 6
tCK(AVG)
Reserved
ns
4
CL = 6
CWL = 5
tCK(AVG)
2.5
3.3
ns
1, 2, 3, 6
CWL = 6
tCK(AVG)
Reserved
ns
1, 2, 3, 4
CL = 7
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1, 2, 3, 4
CL = 8
CWL = 5
tCK(AVG)
Reserved
ns
4
CWL = 6
tCK(AVG)
1.875
< 2.5
ns
1, 2, 3
Supported CL Settings
5, 6, 7, 8
nCK
13
Supported CWL Settings
5, 6
nCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com