Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H5TC4G63CFR-RDI Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H5TC4G63CFR-RDI
Description  4Gb DDR3L SDRAM Lead-Free&Halogen-Free (RoHS Compliant)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5TC4G63CFR-RDI Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H5TC4G63CFR-RDI Datasheet HTML 7Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 8Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 9Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 10Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 11Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 12Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 13Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 14Page - Hynix Semiconductor H5TC4G63CFR-RDI Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
Rev. 1.4/ Oct. 2015
11
AC & DC Operating Conditions
Recommended DC Operating Conditions
Recommended DC Operating Conditions - DDR3L (1.35V) operation
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.283
1.35
1.45
V
1,2,3,4
VDDQ
Supply Voltage for Output
1.283
1.35
1.45
V
1,2,3,4
Notes:
1. Maximum DC value may not be greater than 1.425V. The DC value is the linear average of VDD/VDDQ (t) over a
very long period of time (e.g., 1 sec).
2. If maximum limit is exceeded, input levels shall be governed by DDR3 specifications.
3. Under these supply voltages, the device operates to this DDR3L specification.
4. Once initialized for DDR3L operation, DDR3 operation may only be used if the device is in reset while VDD and
VDDQ are changed for DDR3 operation (see Figure 0).
Recommended DC Operating Conditions - DDR3L (1.5V) operation
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.425
1.5
1.575
V
1,2,3
VDDQ
Supply Voltage for Output
1.425
1.5
1.575
V
1,2,3
Notes:
1. If minimum limit is exceeded, input levels shall be governed by DDR3L specifications.
2. Under 1.5V operation, this DDR3L device operates to the DDR3 specifications under the same speed timings as
defined for this device.
3. Once initialized for DDR3 operation, DDR3L operation may only be used if the device is in reset while VDD and
VDDQ are changed for DDR3L operation (see Figure 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com