Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ680 Datasheet (PDF) - Toshiba Semiconductor

2SJ680 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ680
Download  2SJ680 Download
File Size   219.82 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P-Channel MOS Type (π-MOS V)

2SJ680 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ680 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ680
Download  2SJ680 Click to download

File Size   219.82 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P-Channel MOS Type (π-MOS V)

2SJ680 Datasheet (HTML) - Toshiba Semiconductor


2SJ680 Product details

Switching Applications
Chopper Regulator, DC/DC Converter and Motor Drive Applications

• Low drain-source ON-resistance: RDS (ON)= 1.6 Ω (typ.)
• High forward transfer admittance: |Yfs| = 2.0 S (typ.)
• Low leakage current: IDSS= −100 μA (max) (VDS= −200 V)
• Enhancement mode: Vth= −1.5 to −3.5 V (VDS= −10 V, ID= −1 mA)




Similar Part No. - 2SJ680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ680 TOSHIBA-2SJ680 Datasheet
189Kb / 6P
Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680 Datasheet
180Kb / 6P
Switching Applications
2SJ680 TOSHIBA-2SJ680 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680_09 Datasheet
180Kb / 6P
Switching Applications
More results


Similar Description - 2SJ680

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J321T TOSHIBA-SSM3J321T Datasheet
214Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
SSM6J409TU TOSHIBA-SSM6J409TU Datasheet
228Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
TPC8121 TOSHIBA-TPC8121 Datasheet
188Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS V)
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
2SK4106 TOSHIBA-2SK4106 Datasheet
181Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2009-09-29
K4110 TOSHIBA-K4110 Datasheet
199Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSVI)
2009-09-29
K8A55DA TOSHIBA-K8A55DA Datasheet
297Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSⅦ)
2013-11-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com