Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM6J409TU Datasheet (PDF) - Toshiba Semiconductor

SSM6J409TU Datasheet PDF - Toshiba Semiconductor
Part # SSM6J409TU
Download  SSM6J409TU Download
File Size   228.39 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)

SSM6J409TU Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM6J409TU Datasheet PDF - Toshiba Semiconductor

Part # SSM6J409TU
Download  SSM6J409TU Click to download

File Size   228.39 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)

SSM6J409TU Datasheet (HTML) - Toshiba Semiconductor


SSM6J409TU Product details

○ Power Management Switch Applications
○ High-Speed Switching Applications

• 1.5V drive
• Low ON-resistance: Ron = 72.3mΩ (max) (@VGS = -1.5 V)
                                   Ron = 46.2mΩ (max) (@VGS = -1.8 V)
                                   Ron = 30.2mΩ (max) (@VGS = -2.5 V)
                                   Ron = 22.1mΩ (max) (@VGS = -4.5 V)




Similar Part No. - SSM6J409TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6J409TU TOSHIBA-SSM6J409TU Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
SSM6J409TU TOSHIBA-SSM6J409TU_14 Datasheet
268Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
More results


Similar Description - SSM6J409TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J321T TOSHIBA-SSM3J321T Datasheet
214Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS V)
TPC8121 TOSHIBA-TPC8121 Datasheet
188Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS V)
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com