Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCM8102 Datasheet (PDF) - Toshiba Semiconductor

TPCM8102 Datasheet PDF - Toshiba Semiconductor
Part # TPCM8102
Download  TPCM8102 Download
File Size   223.27 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (U-MOS??

TPCM8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCM8102 Datasheet PDF - Toshiba Semiconductor

Part # TPCM8102
Download  TPCM8102 Click to download

File Size   223.27 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (U-MOS??

TPCM8102 Datasheet (HTML) - Toshiba Semiconductor


TPCM8102 Product details

Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications

• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 6.0 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 44S (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −30 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - TPCM8102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
42Kb / 4P
High Speed and High Efficiency DC-DC Converters, Notebook PC Applications, Portable Equipment Applications
18-Aug-2004
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
306Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
16-Nov-2006
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
16-Nov-2006
TPCM8006 TOSHIBA-TPCM8006 Datasheet
206Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
More results


Similar Description - TPCM8102

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8117 TOSHIBA-TPC8117 Datasheet
214Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8120 TOSHIBA-TPC8120 Datasheet
295Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8124 TOSHIBA-TPC8124 Datasheet
263Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com