Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8124 Datasheet (PDF) - Toshiba Semiconductor

TPC8124 Datasheet PDF - Toshiba Semiconductor
Part # TPC8124
Download  TPC8124 Download
File Size   263.64 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (U-MOS??

TPC8124 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8124 Datasheet PDF - Toshiba Semiconductor

Part # TPC8124
Download  TPC8124 Click to download

File Size   263.64 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (U-MOS??

TPC8124 Datasheet (HTML) - Toshiba Semiconductor


TPC8124 Product details

Lithium Ion Battery Applications
Power Management Switch Applications

• Small footprint due to small and thin package
• Low drain-source ON-resistance: RDS (ON) = 6.1 mΩ (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −40 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −0.5mA)




Similar Part No. - TPC8124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8124 TOSHIBA-TPC8124 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
TPC8124 VBSEMI-TPC8124 Datasheet
1Mb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - TPC8124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC8117 TOSHIBA-TPC8117 Datasheet
214Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8120 TOSHIBA-TPC8120 Datasheet
295Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPC8123 TOSHIBA-TPC8123 Datasheet
279Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCC8103 TOSHIBA-TPCC8103 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCM8102 TOSHIBA-TPCM8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPCA8106 TOSHIBA-TPCA8106 Datasheet
216Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com