Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5165 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM5165 Datasheet PDF - Texas Instruments
Part # LM5165
Download  LM5165 Download
File Size   3050.29 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ

LM5165 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5165 Datasheet PDF - Texas Instruments

Part # LM5165
Download  LM5165 Click to download

File Size   3050.29 Kbytes
Page   52 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ

LM5165 Datasheet (HTML) - Texas Instruments


LM5165 Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Device temperature grade 1: –40°C to 125°C
ambient temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C5
• Wide input voltage range of 3 V to 65 V
• 10.5-μA no-load quiescent current
• –40°C to 150°C junction temperature range
• Fixed (3.3 V and 5 V) or adjustable output voltages
• Meets EN55022 / CISPR 22 EMI standards
• Integrated 2-Ω PMOS buck switch
– Supports 100% duty cycle for low dropout
• Integrated 1-Ω NMOS synchronous rectifier
– Eliminates external rectifier diode
• Programmable current limit setpoint (four levels)
• Selectable PFM or COT mode operation
• 1.223-V ±1% internal voltage reference
• 900-μs internal or programmable soft start
• Active slew rate control for low EMI
• Monotonic start-up into prebiased output
• No loop compensation or bootstrap components
• Precision enable and input UVLO with hysteresis
• Thermal shutdown protection with hysteresis
• 10-pin VSON and VSSOP packages
• Use TPSM265R1 module for faster time to market
• Create a custom regulator design using
WEBENCH® Power Designer

2 Applications
• Automotive and battery-powered equipment
• High-voltage LDO replacement
• General-purpose bias supplies

3 Description
The LM5165-Q1 device is a compact, easy-to-use,
3-V to 65-V, ultra-low IQ synchronous buck converter
with high efficiency over wide input voltage and load
current ranges. With integrated high-side and low-side
power MOSFETs, up to 150-mA of output current
can be delivered at fixed output voltages of 3.3 V
or 5 V or at an adjustable output. The converter is
designed to simplify implementation while providing
options to optimize the performance for the target
application. Pulse Frequency Modulation (PFM) mode
is selected for optimal light-load efficiency or Constant
On-Time (COT) control for nearly constant operating
frequency. Both control schemes do not require loop
compensation while providing excellent line and load
transient response and short PWM on-time for large
step-down conversion ratios.
The high-side P-channel MOSFET can operate at
100% duty cycle for lowest dropout voltage and does
not require a bootstrap capacitor for gate drive. Also,
the current limit setpoint is adjustable to optimize
inductor selection for a particular output current
requirement. Selectable and adjustable start-up timing
options include minimum delay (no soft start),
internally fixed (900 μs), and externally programmable
soft start using a capacitor. An open-drain PGOOD
indicator can be used for sequencing, fault reporting,
and output voltage monitoring. The LM5165-Q1 is
qualified to automotive AEC-Q100 grade 1 and is
available in 10-pin VSON and VSSOP packages with
0.5-mm pin pitch.




Similar Part No. - LM5165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165 TI1-LM5165 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165 TI2-LM5165 Datasheet
2Mb / 48P
LM5165 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Similar Description - LM5165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
TPS629203-Q1 TI-TPS629203-Q1 Datasheet
3Mb / 51P
TPS629203-Q1 300-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
TPS629206-Q1 TI-TPS629206-Q1 Datasheet
3Mb / 51P
TPS629206-Q1 600-mA, 3-V to 17-V Automotive Low IQ Buck Converter
MARCH 2022
LM5143A-Q1 TI-LM5143A-Q1 Datasheet
3Mb / 69P
LM5143A-Q1 Automotive 3.5-V to 65-V Dual Synchronous Buck Controller With Low IQ
MAY 2022
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com