Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5165 Datasheet (PDF) - Texas Instruments

LM5165 Datasheet PDF - Texas Instruments
Part # LM5165
Download  LM5165 Download
File Size   2694.04 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5165 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ

LM5165 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5165 Datasheet PDF - Texas Instruments

Part # LM5165
Download  LM5165 Click to download

File Size   2694.04 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5165 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ

LM5165 Datasheet (HTML) - Texas Instruments


LM5165 Product details

1 Features
• Wide input voltage range of 3 V to 65 V
• 10.5-μA no-load quiescent current
• –40°C to 150°C junction temperature range
• Fixed (3.3 V and 5 V) or adjustable output voltages
• Meets EN55022 / CISPR 22 EMI standards
• Integrated 2-Ω PMOS buck switch
– Supports 100% duty cycle for low dropout
• Integrated 1-Ω NMOS synchronous rectifier
– Eliminates external rectifier diode
• Programmable current limit setpoint (four levels)
• Selectable PFM or COT mode operation
• 1.223-V ±1% internal voltage reference
• 900-μs internal or programmable soft start
• Active slew rate control for low EMI
• Diode emulation mode and pulse skipping for ultrahigh
light-load efficiency performance
• Monotonic start-up into prebiased output
• No loop compensation or bootstrap components
• Precision enable and input UVLO with hysteresis
• Pin-to-pin compatible with the LM5166
• Thermal shutdown protection with hysteresis
• 10-pin, 3-mm × 3-mm VSON package
• Use TPSM265R1 module for faster time to market
• Create a custom regulator design using
WEBENCH® Power Designer

2 Applications
• 4–20 mA loop-powered sensors
• Automotive and battery-powered equipment
• High-voltage LDO replacement
• Industrial control systems
• General-purpose bias supplies

3 Description
The LM5165 device is a compact, easy-to-use, 3-
V to 65-V, ultra-low IQ synchronous buck converter
with high efficiency over wide input voltage and load
current ranges. With integrated high-side and low-side
power MOSFETs, up to 150-mA of output current
can be delivered at fixed output voltages of 3.3 V
or 5 V or at an adjustable output. The converter is
designed to simplify implementation while providing
options to optimize the performance for the target
application. Pulse Frequency Modulation (PFM) mode
is selected for optimal light-load efficiency or Constant
On-Time (COT) control for nearly constant operating
frequency. Both control schemes do not require loop
compensation while providing excellent line and load
transient response and short PWM on-time for large
step-down conversion ratios.
The high-side P-channel MOSFET can operate at
100% duty cycle for lowest dropout voltage and does
not require a bootstrap capacitor for gate drive. Also,
the current limit setpoint is adjustable to optimize
inductor selection for a particular output current
requirement. Selectable and adjustable start-up timing
options include minimum delay (no soft start),
internally fixed (900 μs), and externally programmable
soft start using a capacitor. An open-drain PGOOD
indicator can be used for sequencing, fault reporting,
and output voltage monitoring. The LM5165 buck
converter is available in a 10-pin, 3-mm × 3-mm,
thermally- enhanced VSON-10 package with 0.5-mm
pin pitch. The LM5165 and LM5165X is also available
in the VSSOP-10 package.




Similar Part No. - LM5165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165 TI1-LM5165 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165 TI-LM5165 Datasheet
2Mb / 52P
LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
More results


Similar Description - LM5165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166 TI1-LM5166_17 Datasheet
3Mb / 53P
3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
LM5143 TI-LM5143 Datasheet
4Mb / 70P
LM5143 3.5-V to 65-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com