Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232ECT Datasheet (PDF) - Sipex Corporation

SP3232ECT Datasheet PDF - Sipex Corporation
Part # SP3232ECT
Download  SP3232ECT Download
File Size   212.8 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description True 3.0V to 5.5V RS-232 Transceivers

SP3232ECT Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3232ECT Datasheet PDF - Sipex Corporation

Part # SP3232ECT
Download  SP3232ECT Click to download

File Size   212.8 Kbytes
Page   20 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description True 3.0V to 5.5V RS-232 Transceivers

SP3232ECT Datasheet (HTML) - Sipex Corporation


SP3232ECT Product details

DESCRIPTION
The SP3222/3232E series is an RS-232 transceiver solution intended for portable or hand held applications such as notebook or palmtop computers. The SP3222/3232E series has a high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump allows the SP3222/3232E series to deliver true RS-232 performance from a single power supply ranging from +3.3V to +5.0V.

■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Minimum 120Kbps Data Rate Under Full Load
■ 1µA Low-Power Shutdown with Receivers Active (SP3222)
■Interoperable with RS-232 down to +2.7V power source
■ Enhanced ESD Specifications:
    ±15kV Human Body Model
    ±15kV IEC1000-4-2 Air Discharge
    ±8kV IEC1000-4-2 Contact Discharge




Similar Part No. - SP3232ECT

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L/TR EXAR-SP3232ECT-L/TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L/TR EXAR-SP3232ECT-L/TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
More results


Similar Description - SP3232ECT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3232ECT-L EXAR-SP3232ECT-L Datasheet
1Mb / 23P
True 3.0V to 5.5V RS-232 Transceivers
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EBEY-L-TR EXAR-SP3232EBEY-L-TR Datasheet
644Kb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEA-L-TR EXAR-SP3232EEA-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EEN-L-TR EXAR-SP3232EEN-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
True 3.0V to 5.5V RS-232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com