Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232ECT Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP3232ECT
Description  True 3.0V to 5.5V RS-232 Transceivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3232ECT Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP3232ECT Datasheet HTML 6Page - Sipex Corporation SP3232ECT Datasheet HTML 7Page - Sipex Corporation SP3232ECT Datasheet HTML 8Page - Sipex Corporation SP3232ECT Datasheet HTML 9Page - Sipex Corporation SP3232ECT Datasheet HTML 10Page - Sipex Corporation SP3232ECT Datasheet HTML 11Page - Sipex Corporation SP3232ECT Datasheet HTML 12Page - Sipex Corporation SP3232ECT Datasheet HTML 13Page - Sipex Corporation SP3232ECT Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Date: 02/24/05
SP3222E, SP3232E True +3.0 to +5.0V RS-232 Transceivers
© Copyright 2005 Sipex Corporation
10
Receivers
The receivers convert EIA/TIA-232 levels to
TTL or CMOS logic output levels. All receivers
have an inverting tri-state output. These receiver
outputs (RxOUT) are tri-stated when the enable
control EN = HIGH. In the shutdown mode, the
receivers can be active or inactive. EN has no
effect on TxOUT. The truth table logic of the
SP3222E/3232E driver and receiver outputs can
be found in Table 2.
Since receiver input is usually from a transmis-
sion line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 300mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, a 5k
Ω pulldown resistor to ground
will commit the output of the receiver to a HIGH
state.
Charge Pump
The charge pump is a Sipex–patented design
(5,306,954) and uses a unique approach com-
pared to older less–efficient designs. The charge
pump still requires four external capacitors, but
uses a four–phase voltage shifting technique to
attain symmetrical 5.5V power supplies. The
internal power supply consists of a regulated
dual charge pump that provides output voltages
5.5V regardless of the input voltage (V
CC) over
the +3.0V to +5.5V range.
In most circumstances, decoupling the power
supply can be achieved adequately using a 0.1
µF
bypass capacitor at C5 (refer to Figures 6 and 7).
In applications that are sensitive to power-sup-
ply noise, decouple V
CC to ground with a capaci-
tor of the same value as charge-pump capacitor
C1. Physically connect bypass capacitors as
close to the IC as possible.
The charge pumps operate in a discontinuous
mode using an internal oscillator. If the output
voltages are less than a magnitude of 5.5V, the
charge pumps are enabled. If the output voltage
exceed a magnitude of 5.5V, the charge pumps
are disabled. This oscillator controls the four
phases of the voltage shifting. A description of
each phase follows.
Phase 1
— V
SS charge storage — During this phase of
the clock cycle, the positive side of capacitors C
1
and C
2 are initially charged to VCC.
C
l
+ is then
switched to GND and the charge in C
1
– is trans-
ferred to C
2
–. Since C
2
+ is connected to V
CC, the
voltage potential across capacitor C
2 is now 2
times V
CC.
Phase 2
— V
SS transfer — Phase two of the clock con-
nects the negative terminal of C
2 to the VSS
storage capacitor and the positive terminal of C
2
to GND. This transfers a negative generated
voltage to C
3.
This generated voltage is regu-
lated to a minimum voltage of -5.5V. Simulta-
neous with the transfer of the voltage to C
3, the
positive side of capacitor C
1 is switched to VCC
and the negative side is connected to GND.
Phase 3
— V
DD charge storage — The third phase of the
clock is identical to the first phase — the charge
transferred in C
1 produces –VCC in the negative
terminal of C
1, which is applied to the negative
side of capacitor C
2.
Since C
2
+ is at V
CC, the
voltage potential across C
2 is 2 times VCC.
Table 2. Truth Table Logic for Shutdown and Enable
Control
N
D
H
SN
ET
U
O
x
TT
U
O
x
R
00
e
t
a
t
s
-
i
r
Te
v
i
t
c
A
01
e
t
a
t
s
-
i
r
Te
t
a
t
s
-
i
r
T
10
e
v
i
t
c
Ae
v
i
t
c
A
11
e
v
i
t
c
Ae
t
a
t
s
-
i
r
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com