Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL40C Datasheet (PDF) - Artesyn Technologies

SIL40C Datasheet PDF - Artesyn Technologies
Part # SIL40C
Download  SIL40C Download
File Size   214.17 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS C Class Non-isolated

SIL40C Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL40C Datasheet PDF - Artesyn Technologies

Part # SIL40C
Download  SIL40C Click to download

File Size   214.17 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS C Class Non-isolated

SIL40C Datasheet (HTML) - Artesyn Technologies


SIL40C Product details

The SIL40C Series is a new high density open frame non-isolated converter for space-sensitive applications. Each model has a wide input range (10.2 Vdc to 13.8 Vdc) and offer a wide 0.9 Vdc to 5.0 Vdc output voltage range with a 40 A load. An external resistor adjusts the output voltage from its pre-set value of 0.9 V to any value up to 5 V. Typical efficiencies are 92% at full load conditions. The SIL40C series offers remote ON/OFF and overcurrent protection as standard. With full international safety approval including EN60950 and UL/cUL60950, the SIL40C reduces compliance costs and time to market.



• 40 A current rating

• Input voltage range: 10.2 Vdc to 13.8 Vdc

• Output voltage range: 0.9 Vdc to 5.0 Vdc

• Industry leading value

   • Cost optimized design

• Excellent transient response

• Output Voltage adjustability

   • Pathway for future upgrades

   • Supports silicon voltage migration

   • Resulting in reduced design-in and qualification time

• Designed in reliability: MTBF of >4 million hours per Telcordia SR-332

• Current share

• Available RoHS compliant



 




Similar Part No. - SIL40C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL40C EMERSON-NETWORKPOWER-SIL40C Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL40C-00SADJ-HJ ARTESYN-SIL40C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL40C-00SADJ-VJ ARTESYN-SIL40C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL40C-12SADJ-VJ EMERSON-NETWORKPOWER-SIL40C-12SADJ-VJ Datasheet
214Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL40C2 ARTESYN-SIL40C2 Datasheet
606Kb / 4P
4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
More results


Similar Description - SIL40C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com