Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT15C Datasheet (PDF) - Artesyn Technologies

SMT15C Datasheet PDF - Artesyn Technologies
Part # SMT15C
Download  SMT15C Download
File Size   182.99 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS C Class Non-isolated

SMT15C Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT15C Datasheet PDF - Artesyn Technologies

Part # SMT15C
Download  SMT15C Click to download

File Size   182.99 Kbytes
Page   3 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS C Class Non-isolated

SMT15C Datasheet (HTML) - Artesyn Technologies


SMT15C Product details

The SMT15C series is a new high density open-frame, non-isolated converter for space sensitive applications. Each model has a wide input range (4.5 Vdc to 5.5 Vdc or 10.2 Vdc to 13.8 Vdc) and offers a wide 0.9 Vdc to 5.0 Vdc output voltage range with a 15 A load. An external resistor adjusts the output voltage from its pre-set value of 0.9 V to any value up to the 5 V maximum. Typical efficiencies for the models are 89% for the 5 V input version and 91% for the 12 V input version. The series offers remote ON/OFF and overcurrent protection as standard. With full international safety approvals including EN60950 and UL/cUL60950, the SMT15C reduces compliance costs and time to market.

• 15 A current rating
• Input voltage range: 4.5 Vdc to 5.5 Vdc or 10.2 Vdc to 13.8 Vdc
• Output voltage range: 0.9 Vdc - 3.3/5.0 Vdc
• Industry leading value
    • Cost optimized design
• Excellent transient response
• Output voltage adjustability
    • Pathway for future upgrades
    • Supports silicon voltage migration
    • Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of >7 million hours per Telcordia SR-332
• Available RoHS compliant




Similar Part No. - SMT15C

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT15C EMERSON-NETWORKPOWER-SMT15C Datasheet
253Kb / 4P
new high density open-frame, non-isolated converter for space sensitive applications
SMT15C-05SADJJ EMERSON-NETWORKPOWER-SMT15C-05SADJJ Datasheet
253Kb / 4P
new high density open-frame, non-isolated converter for space sensitive applications
logo
Artesyn Technologies
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ Datasheet
549Kb / 3P
POWER Non-Isolated DC-DC Converter
SMT15C-05SADJJ ARTESYN-SMT15C-05SADJJ_15 Datasheet
549Kb / 3P
POWER Non-Isolated DC-DC Converter
logo
Emerson Network Power
SMT15C-12SADJJ EMERSON-NETWORKPOWER-SMT15C-12SADJJ Datasheet
253Kb / 4P
new high density open-frame, non-isolated converter for space sensitive applications
More results


Similar Description - SMT15C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C EMERSON-NETWORKPOWER-SIL30C Datasheet
216Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com