Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30C Datasheet (PDF) - Emerson Network Power

SIL30C Datasheet PDF - Emerson Network Power
Part # SIL30C
Download  SIL30C Download
File Size   216.48 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS C Class Non-isolated

SIL30C Datasheet (PDF)

Go To PDF Page Download Datasheet
SIL30C Datasheet PDF - Emerson Network Power

Part # SIL30C
Download  SIL30C Click to download

File Size   216.48 Kbytes
Page   3 Pages
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power
Description DC-DC CONVERTERS C Class Non-isolated

SIL30C Datasheet (HTML) - Emerson Network Power


SIL30C Product details

The SIL30C Series is a new high density open-frame non-isolated converter for space sensitive applications. The converter has a wide input range (10.2 Vdc to 13.8 Vdc) and offers a wide 0.9 Vdc to 5 Vdc output voltage range with a 30 A load. The series offers remote ON/OFF, overtemperature protection and overcurrent protection as standard.

• 30 A current rating
• Input voltage range: 10.2 Vdc to 13.8 Vdc
• Output voltage range: 0.9 Vdc to 5.0 Vdc
• Industry leading value
    • Cost optimized design
• Excellent transient response
• Output Voltage adjustability
    • Pathway for future upgrades
    • Supports silicon voltage migration
    • Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of > 3.9 million hours per Telcordia SR-332
• Current Share
• Available RoHS compliant




Similar Part No. - SIL30C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-HJ ARTESYN-SIL30C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-VJ ARTESYN-SIL30C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-12SADJ-H ARTESYN-SIL30C-12SADJ-H Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL30C-12SADJ-V ARTESYN-SIL30C-12SADJ-V Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
More results


Similar Description - SIL30C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com