Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30C Datasheet(PDF) 1 Page - Emerson Network Power

Part # SIL30C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL30C Datasheet(HTML) 1 Page - Emerson Network Power

  SIL30C Datasheet HTML 1Page - Emerson Network Power SIL30C Datasheet HTML 2Page - Emerson Network Power SIL30C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTERS
C Class Non-isolated
1
2 YEAR WARRANTY
SIL30C Series
12 Vin single output
• 30 A current rating
• Input voltage range: 10.2 Vdc to 13.8 Vdc
• Output voltage range: 0.9 Vdc to 5.0 Vdc
• Industry leading value
• Cost optimized design
• Excellent transient response
• Output Voltage adjustability
• Pathway for future upgrades
• Supports silicon voltage migration
• Resulting in reduced design-in and qualification time
• Designed in reliability: MTBF of > 3.9 million hours
per Telcordia SR-332
• Current Share
• Available RoHS compliant
The SIL30C Series is a new high density open-frame non-isolated converter for space sensitive applications.
The converter has a wide input range (10.2 Vdc to 13.8 Vdc) and offers a wide 0.9 Vdc to 5 Vdc output voltage
range with a 30 A load. The series offers remote ON/OFF, overtemperature protection and overcurrent
protection as standard. Its current share facility supports parallel operation of multiple SIL30C units and the
remote sense feature enables the SIL30C compensate for voltage drops between the converters output and the
load. With full international safety approvals including EN60950 and UL/cUL60950 the SIL30C reduces
compliance costs and time to market.
NEW Product
OUTPUT SPECIFICATIONS
Voltage adjustability
(See Note 1)
0.9-5.0 Vdc
Output setpoint accuracy Using 1.0% trim resistors
±3%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±1.5% max.
Min/max load
0 A/30 A
Overshoot
At turn-on
1.0% max.
Undershoot
At turn-off
100 mV max.
Ripple and noise
(See Note 2)
50 mV pk-pk
5 Hz to 20 MHz
15 mV rms
Transient response
Deviation
75 mV
(See Note 3)
150 µs recovery to
within regulation band
Current share
Full load
±10%
INPUT SPECIFICATIONS
Input voltage range
Nominal 12 V
10.2-13.8 Vdc
Input current
No load
230 mA
Remote OFF
30 mA
Input current (max.)
(See Note 4)
13.8 A max. @ Io max.
and Vin = 10.8 V
Input reflected ripple
(See Note 2)
150 mA (pk-pk)
Remote ON/OFF
Logic compatibility
Logic high
ON
>2.4 Vdc
OFF
<0.8 Vdc
Start-up time
Power up
<30 ms
(See Note 5)
Remote ON/OFF
<30 ms
File Name: SIL30C.PDF Rev (04): 16 Dec 2005
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. E139421
UL60950 file No. E139421
TÜV Product Service (EN60950) Certificate No. B04 08 19870 228
CB report and certificate to US/6415C/UL
INPUT SPECIFICATIONS (CONTD.)
Turn ON threshold
9.0 Vdc
Turn OFF threshold
7.6 Vdc
GENERAL SPECIFICATIONS
Efficiency
91%
Switching frequency
Fixed
300 kHz typ.
Approvals and
(See Note 7)
TÜV Product Services
standards
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
28.3 g (1 oz)
MTBF
Telcordia SR-332
4,456,655 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0 ºC to +80 ºC
(See Note 8)
temperature
Non-operating
-40 ºC to +125 ºC
PROTECTION
Short-circuit
Foldback, non-latching
Overtemperature
Hiccup, non-latching
RECOMMENDED SYSTEM CAPACITANCE
Input capacitance
(See Note 9)
270 µF/20 m
Ω esr max.
Output capacitance
(See Note 9) 2 x 680 µF/10 m
Ω esr max.
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
SPECIFICATIONS


Similar Part No. - SIL30C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-HJ ARTESYN-SIL30C-00SADJ-HJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-00SADJ-VJ ARTESYN-SIL30C-00SADJ-VJ Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SIL30C-12SADJ-H ARTESYN-SIL30C-12SADJ-H Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL30C-12SADJ-V ARTESYN-SIL30C-12SADJ-V Datasheet
132Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
More results

Similar Description - SIL30C

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
DC/DC CONVERTERS C Class Non-isolated
SIL20C2 ARTESYN-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com