Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIL30C Datasheet(PDF) 2 Page - Emerson Network Power

Part # SIL30C
Description  DC-DC CONVERTERS C Class Non-isolated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

SIL30C Datasheet(HTML) 2 Page - Emerson Network Power

  SIL30C Datasheet HTML 1Page - Emerson Network Power SIL30C Datasheet HTML 2Page - Emerson Network Power SIL30C Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
SIL30C Series
12 Vin single output
DC-DC CONVERTERS
C Class Non-isolated
2
NEW Product
N
No
otte
es
s
1
Uses external resistor from TRIM to output ground. See Application Note
132 for details.
2
Measured with external filter. See Application Note 132 for details.
3
di/dt = 10 A/µs, Vin = Nom, Tc = 25 °C, load change = 0.5 lo max to 0.75
lo max and 0.75 lo max to 0.5 lo max.
4
External input fusing is recommended.
5
Power up is the time from application of dc input to POWER GOOD high.
Remote ON/OFF asserted high to POWER GOOD high.
6
Signal line assumed <3 m.
7
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
8
See Application Note 132 for operation above 50 ºC.
9
See Application Note 132 for ripple current requirements.
10 The standard unit with the suffix '-V' is for vertical mounting. To order a
unit with horizontal mounting, please add the suffix '-H' to the model
number, e.g. SIL30C-12SADJ-HJ.
11 This model has a wide trim output of between 0.9 Vdc to 5 Vdc. An
external resistor adjusts the output voltage.
12 To order a unit with a pin length of 0.150”, please add suffix ‘P4’ to the
model number, e.g. SIL30C-12SADJ-HP4J.
13 TSE RoHS 5/6 (non Pb-free) compliant versions may be available on
special request, please contact your local sales representative for details.
14 NOTICE: Some models do not support all options. Please contact your
local Artesyn representative or use the on-line model number search tool
at http://www.artesyn.com/powergroup/products.htm to find a suitable
alternative.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
(11)
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(10,12,13,14)
(MAX.)
(MIN.)
(MAX.)
150 W
10.2-13.8 Vdc
N/A
0.9-5 V
0 A
30 A
91%
±0.2%
±1.5%
SIL30C-12SADJ-VJ
PIN CONNECTIONS
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
TRIM
13
Vin
2
No Pin
14
Vin
3
Ground
15
Vout
4
Power Good
16
Vout
5
Not Connected
17
Ground
6
Current Share
18
Vout
7
Ground
19
Ground
8
Ground
20
Vout
9
Remote ON/OFF
21
Ground
10
Remote sense (GND)
22
Vout
11
Remote sense (O/P)
23
Ground
12
Vin
24
Vout
File Name: SIL30C.PDF Rev (04): 16 Dec 2005
SIL30C-12SADJ-VJ
Part Number System with Options
Rated Output Current
30 = 30 Amps
Number of Outputs
SADJ = Single Adjustable Output
Product Family
SIL = Single in Line
Performance
C = Cost Optimised
Input Voltage
12 = 10.2 Vdc to 13.8 Vdc
Mounting Option
V = Vertical Mount
H = Horizontal Mount
Packaging Options (13)
J = Pb-free (RoHS 6/6 compliant)
The ultra-wide output voltage trim range offers major advantages to users who
select the SIL30C-12SADJ. It is no longer necessary to purchase a variety of
modules in order to cover different output voltages. The output voltage can be
trimmed in a range of 0.9 Vdc to 5.0 Vdc. When the SIL30C-12SADJ
converter leaves the factory the output has been adjusted to the default
voltage of 0.9 V
O
Ou
uttp
pu
utt V
Vo
olltta
ag
ge
e A
Ad
djju
us
sttm
me
en
ntt o
off tth
he
e S
SIIL
L3
30
0C
C--1
12
2S
SA
AD
DJ
J S
Se
erriie
es
s



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com