Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMT15F Datasheet (PDF) - Artesyn Technologies

SMT15F Datasheet PDF - Artesyn Technologies
Part # SMT15F
Download  SMT15F Download
File Size   192.72 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS Typhoon Non-isolated

SMT15F Datasheet (PDF)

Go To PDF Page Download Datasheet
SMT15F Datasheet PDF - Artesyn Technologies

Part # SMT15F
Download  SMT15F Click to download

File Size   192.72 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description DC-DC CONVERTERS Typhoon Non-isolated

SMT15F Datasheet (HTML) - Artesyn Technologies


SMT15F Product details

The SMT15F-12 series are non-isolated dc-dc converters packaged in a surface-mount footprint giving designers a cost effective solution for conversion from a 12 V source. The SMT15F-12 has an input range of 10.8 Vdc to 13.2 Vdc and offers an output voltage range from 1.0 Vdc to 1.8 Vdc with a 15 A load, which allows for maximum design flexibility and a pathway for future upgrades. The SMT15F-12 is designed for applications that include distributed power, workstations, optical network and wireless applications. Implemented using state of the art surface-mount technology and automated manufacturing techniques, the SMT15F-12 offers compact size and efficiencies of up to 88% at 1.8 Vout.

• Designed to meet ultra fast transient requirements: 300 A/µs step load transients
• 15 A Current rating
• Input voltage range: 10.8 Vdc to 13.2 Vdc
• Output voltage range: 1.0 Vdc to 1.8 Vdc
• Extremely low internal power dissipation
• Minimal thermal design concerns
• Ideal solution where board space is at a premium or tighter card pitch is required
• Industry standard surface-mount footprint
• Available RoHS compliant




Similar Part No. - SMT15F

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SMT15F EMERSON-NETWORKPOWER-SMT15F Datasheet
291Kb / 5P
non-isolated dc-dc converter
SMT15F-12S1V0J EMERSON-NETWORKPOWER-SMT15F-12S1V0J Datasheet
291Kb / 5P
non-isolated dc-dc converter
logo
Artesyn Technologies
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
logo
Emerson Network Power
SMT15F-12S1V2J EMERSON-NETWORKPOWER-SMT15F-12S1V2J Datasheet
291Kb / 5P
non-isolated dc-dc converter
logo
Artesyn Technologies
SMT15F-12S1V2J ARTESYN-SMT15F-12S1V2J Datasheet
297Kb / 5P
12 Vin single fixed output
More results


Similar Description - SMT15F

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRPB-15C BEL-VRPB-15C Datasheet
279Kb / 9P
NON-ISOLATED DC/DC CONVERTERS
VRPF-15B1AC BEL-VRPF-15B1AC Datasheet
242Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
XRAH-01K BEL-XRAH-01K Datasheet
193Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
logo
Emerson Network Power
SIL15F EMERSON-NETWORKPOWER-SIL15F Datasheet
181Kb / 4P
DC-DC CONVERTERS Typhoon Non-isolated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com